Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1774 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1774
Description  STR71x SOFTWARE DEVELOPMENT GETTING STARTED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1774 Datasheet(HTML) 7 Page - STMicroelectronics

  AN1774 Datasheet HTML 1Page - STMicroelectronics AN1774 Datasheet HTML 2Page - STMicroelectronics AN1774 Datasheet HTML 3Page - STMicroelectronics AN1774 Datasheet HTML 4Page - STMicroelectronics AN1774 Datasheet HTML 5Page - STMicroelectronics AN1774 Datasheet HTML 6Page - STMicroelectronics AN1774 Datasheet HTML 7Page - STMicroelectronics AN1774 Datasheet HTML 8Page - STMicroelectronics AN1774 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7/9
STR71x SOFTWARE DEVELOPMENT GETTING STARTED
2 SOFTWARE EXAMPLE
This chapter describes an STR71x software example. The first part enumerates the standard
files required to build an application. The second part describes an application example.
This chapter assumes that both the hardware and the software environments are setup as de-
scribed previously.
2.1 GENERIC CONFIGURATION FILES
This section describes the standard files required by any STR71x application. These files are
mandatory for building a project for STR71x cores.
The table below enumerates and explains the use of each file.
File
Description
71x_vect.s
This file contains exception vectors and exception handlers. For this example
RAM is fixed at address 0x0.
71x_map.h
This file contains the memory mapping and physical registers address defini-
tions.
71x_init.s
This file performs initialization of stack pointers for each mode, Enhanced Inter-
rupt Controller initialization, and branches to __main in the C library.
retarget.c
This file provides a retarget layer for low-level Input/Output. Typically, this con-
tains your own target-dependent implementations of fputc(), ferror(),....Semi-
hosting SWIs are used to display text on the console of the host debugger.
scat.scf
An image is made up of regions and output sections. Every region in the image
can have a different load and execution address. The scatter-loading mecha-
nism enables you to specify the memory map of an image to armlink. For more
information on the scatter file, load and execution regions, refer to the ’ARM
Linker and Utilities Guide’.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com