Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1782 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1782
Description  STR71X I2C COMMUNICATION WITH M24CXX EEPROM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1782 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1782 Datasheet HTML 1Page - STMicroelectronics AN1782 Datasheet HTML 2Page - STMicroelectronics AN1782 Datasheet HTML 3Page - STMicroelectronics AN1782 Datasheet HTML 4Page - STMicroelectronics AN1782 Datasheet HTML 5Page - STMicroelectronics AN1782 Datasheet HTML 6Page - STMicroelectronics AN1782 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2/7
I2C COMMUNICATION BETWEEN STR71X AND M24CXX EEPROM
3 STR71X/M24C08 COMMUNICATION APPLICATION
3.1 HARDWARE CONFIGURATION
Two M24C08 memory chips can be addressed by a microcontroller on the same two wire bus
by configuring the M24C08 input E2. In this application the M24C08 E0, E1 and E2 inputs are
tied to V3.3 via 10K resistor. The M24C08 is divided into four blocks defined by the two LSB
bits of the memory address defined on the following:
■
M24C08_Block0 ==> ADDRESS 0xA8
■
M24C08_Block1 ==> ADDRESS 0xAA
■
M24C08_Block2 ==> ADDRESS 0xAC
■
M24C08_Block3 ==> ADDRESS 0xAE
Figure 1. STR71x/M24C08 configuration
3.2 SOFTWARE IMPLEMENTATION
In this application note the software modules are developed in C language, with RVDK envi-
ronment.
The software implemented to manage read and write operations between the STR71x I2C
interface and the M24C08 is divided in three parts:
– Write: first, the program writes the contents of a predefined buffer to the memory starting
from address 0x00 of Block3,
M24C02
2
8
1
M24C04
4
4
2
M24C08
8
2
4
M24C016
16
1
8
Device
Size (Kbit)
Devices per Bus
Number of Blocks
STR71x
M24C08
E2
E0
V3.3
SDA
SCL
SDA
SCL
E1
10K
10K
10K
100
100
V3.3
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com