Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1797 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1797
Description  STR71x UART COMMUNICATION WITH A PC USING RS232
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1797 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1797 Datasheet HTML 1Page - STMicroelectronics AN1797 Datasheet HTML 2Page - STMicroelectronics AN1797 Datasheet HTML 3Page - STMicroelectronics AN1797 Datasheet HTML 4Page - STMicroelectronics AN1797 Datasheet HTML 5Page - STMicroelectronics AN1797 Datasheet HTML 6Page - STMicroelectronics AN1797 Datasheet HTML 7Page - STMicroelectronics AN1797 Datasheet HTML 8Page - STMicroelectronics AN1797 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/9
STR71x UART COMMUNICATION WITH A PC USING RS232
1 SERIAL COMMUNICATION
The main features of the serial communication are summarized below.
1.1 MAIN FEATURES
The serial interface described here, allows two digital systems to communicate using only a
few wires. It is asynchronous, so it doesn’t need a clock.
The serial interface requires at least two wires:
– a transmitter wire (Tx)
– a receiver wire (Rx)
The interface is full-duplex, i.e. it can transmit and receive at the same time.
Figure 1. STR71x and UART interface Setup
1.2 BAUD RATES
Transmission and reception are driven by a baud rate generator. However, be aware that to
communicate correctly, the receiver must have exactly the same baud rate as the transmitter
baud rate, otherwise the communication will be corrupted. If this condition is met, a wide range
of baudrates is possible.
1.3 FRAMES
Communication frames begin with a start bit and end with a stop bit. Stop bits can be 0.5, 1,
1.5 or 2 bits long. Frame words can be 8 or 9 bits long. The least significant bit is sent first (see
Figure 2). In 8-bit word mode, the eighth bit can be a data bit or a parity bit, but in 9-bit word
mode, the ninth bit is a parity bit. Parity can be odd or even. Receiver and transmitter devices
must have the same word length, the same parity and the same number of stop bits.
UART Tx
Rx
Tx
Rx
STR71x
DEVICE
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com