Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1798 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1798
Description  This application note describes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1798 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1798 Datasheet HTML 1Page - STMicroelectronics AN1798 Datasheet HTML 2Page - STMicroelectronics AN1798 Datasheet HTML 3Page - STMicroelectronics AN1798 Datasheet HTML 4Page - STMicroelectronics AN1798 Datasheet HTML 5Page - STMicroelectronics AN1798 Datasheet HTML 6Page - STMicroelectronics AN1798 Datasheet HTML 7Page - STMicroelectronics AN1798 Datasheet HTML 8Page - STMicroelectronics AN1798 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
STR71x ADC features
AN1798
4/16
2
STR71x ADC features
The STR71x ADC consists of four channels (Ip1 to Ip4 or AIN0 to AIN3) to convert signals
with an input range of 0 to 2.5 V into 12-bit format. The following figure shows the ADC
module of STR71x.
Figure 2.
ADC STR71x block diagram
2.1
Clock timing
Each channel supports up to 1 kHz for sampling frequency (fs), consequently the signal
frequency can not exceed 500 Hz (to respect the
Nyquist frequency condition).
fs = fMod / 512 * 4
fMod (oversampling frequency) is the clock frequency which clocks the Sigma-Delta
modulator. This frequency can not exceed 2.1 MHz and therefore the maximum sampling
frequency is equal to 1 kHz (fs = 2.1 MHz / 512 * 4 = 1 kHz).
fMod is generated by PCLK2 and divided down by the prescaler factors configured in the
ADC_CPR register. The prescaler output frequency must be not greater than 2.1 MHz.
fMod = fPCLK2 / Prescaling factor
Example: if fPCLK2= 16 MHz and the desired sampling frequency fs= 1 kHz.
fMod = fs * 512 * 4 = 1 kHz * 512 * 4 ~ 2 MHz
The Prescaling factor = fPCLK2 / fMod = 16 MHz / 2 MHz = 8
This value being twice the prescaler register value: so, the value to be configured in the
ADC_CPR register is equal to 0x4. (see STR71x Reference Manual, ADC section: ADC
prescaler setting table)
Sinc3
Filter
Σ∆
Modulator
Ip1
Ip4
Output
Ip2
Ip3
Bandgap Voltage Reference
VCM
VRef
VCM
VRef
Prescaler
Control/
Status
Ch0 Data
Ch2 Data
Ch1 Data
Ch3 Data
Data
Bus
IRQ
Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com