Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1810 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1810
Description  STR71x BSPI COMMUNICATION WITH M25P10-A SERIAL FLASH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1810 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1810 Datasheet HTML 1Page - STMicroelectronics AN1810 Datasheet HTML 2Page - STMicroelectronics AN1810 Datasheet HTML 3Page - STMicroelectronics AN1810 Datasheet HTML 4Page - STMicroelectronics AN1810 Datasheet HTML 5Page - STMicroelectronics AN1810 Datasheet HTML 6Page - STMicroelectronics AN1810 Datasheet HTML 7Page - STMicroelectronics AN1810 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5/8
STR71x BSPI COMMUNICATION WITH M25P10-A SERIAL FLASH
4 COMMUNICATION BETWEEN STR71X AND SERIAL FLASH MEMORY
The software included with this application note offers a set of functions allowing communica-
tion with the flash memory. The complete software can be found on the ST internet website. It
is a particular example and it is up to you to adapt it to your specific application.
4.1 HARDWARE DESCRIPTION
Two components were used for the application:
– 1 STR71x MCU device.
– 1 M25P10-A Serial Flash Memory
Figure 2. Hardware overview
S1.SSN pin of STR71x is hardware driven (high level for a master device).
The S1.SCLK pin is connected to the serial clock pin (C) of the Serial Flash Memory.
The S1.MOSI pin to the serial input pins (D).
The S1.MISO pin to the serial output pins (Q).
S pin of the Serial Flash Memory is connected to the P0.3 output pin of the STR71x.
4.2 SOFTWARE IMPLEMENTATION
In this application note the software modules are developed in C language, with RVDK envi-
ronment.
The software implemented in order to manage write and read operations between the
STR71x BSPI interface and the M25P10-A is described below.
It is made up of 4 parts:
S
Q
W
D
H
S1.SSN
S1.SCLK
S1.MISO
S1.MOSI
P0.3
1
cc
V
C
Vss
Vss
cc
V
M25P10-A
C 100nF
cc
V
cc
V
STR71x
10K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com