Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2009 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2009
Description  PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2009 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2009 Datasheet HTML 6Page - STMicroelectronics AN2009 Datasheet HTML 7Page - STMicroelectronics AN2009 Datasheet HTML 8Page - STMicroelectronics AN2009 Datasheet HTML 9Page - STMicroelectronics AN2009 Datasheet HTML 10Page - STMicroelectronics AN2009 Datasheet HTML 11Page - STMicroelectronics AN2009 Datasheet HTML 12Page - STMicroelectronics AN2009 Datasheet HTML 13Page - STMicroelectronics AN2009 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
10/39
PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
4 PWM MANAGER IN VOLTAGE MODE AND CURRENT MODE
The PWM signal logically ANDed with the switch control signal is used to control the power ap-
plied to the motor. It can either control the voltage on the motor with a fixed PWM duty cycle
or the current by means of an integrated current control circuitry.
When the PWM signal controls the voltage, the motor is driven in voltage mode. When it is
controlling the current, the motor is driven in current mode.
Voltage mode allows you to control the speed easily by changing the motor reference voltage.
It does not give you fine control of the current but you can limit the current and consequently
the torque to a maximum value. The voltage control is done by the PWM duty cycle.
Current mode allows you to permanently control the torque by changing the motor reference
current, because torque is proportional to current. The current in the windings is regulated in
real time and there is a true DC current flowing through the DC Bus. Current mode also allows
the current for each of the 6 steps to be finely controlled as the current control is done during
the PWM cycle.
Depending on whether the motor is driven in current or voltage mode, the PWM signal does
not have the same origin as shown in Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com