Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2017 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2017
Description  DIFFERENT WAYS TO RESET ST7 MICROCONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2017 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2017 Datasheet HTML 1Page - STMicroelectronics AN2017 Datasheet HTML 2Page - STMicroelectronics AN2017 Datasheet HTML 3Page - STMicroelectronics AN2017 Datasheet HTML 4Page - STMicroelectronics AN2017 Datasheet HTML 5Page - STMicroelectronics AN2017 Datasheet HTML 6Page - STMicroelectronics AN2017 Datasheet HTML 7Page - STMicroelectronics AN2017 Datasheet HTML 8Page - STMicroelectronics AN2017 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
DIFFERENT WAYS TO RESET ST7 MICROCONTROLLER
Figure 3. Waveform of Power-on-Reset with RCD Circuit (Without MCU)
On ST7 there are internal protection diodes on the pads, which would solve the purpose of this
external diode, thereby you could do away with this diode in your actual implementation with
the MCU. The waveform of Power-on Reset with the External RC Circuit connected to ST7
without the diode is shown in Figure 4.
Figure 4. Waveform of Power-on-Reset with RC Circuit (With MCU)
One consideration when choosing the values of the resistor and capacitor is to ensure that re-
sistor’s value does not get too high and interfere with the ability to drive RESET pin high given
the worst case leakage current of the pin. Higher resistor values in the order of Mega Ohms
could possibly create an input level on the RESET pin that would be below the VIH specifica-
tion. The capacitor should not be too large when using MCU’s that have an active internal
reset because this could mask the Internal reset. So, a proper combination of component
values is required. Because of this limitation of selecting higher component values, this solu-
Without Diode - Capacitor discharges
very slowly
With Diode - Capacitor discharges
quickly
RESET
VDD
RESET
VDD
R=47K, C=10uF
,
VDD risetime = 1250msec/5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com