Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD74ALVC2G245 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74ALVC2G245
Description  Dual Bus Transceivers with 3-state Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC2G245 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74ALVC2G245_15 Datasheet HTML 1Page - Renesas Technology Corp HD74ALVC2G245_15 Datasheet HTML 2Page - Renesas Technology Corp HD74ALVC2G245_15 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC2G245_15 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC2G245_15 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC2G245_15 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC2G245_15 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC2G245_15 Datasheet HTML 8Page - Renesas Technology Corp HD74ALVC2G245_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Rev.4.00, Dec.18.2003, page 1 of 10
HD74ALVC2G245
Dual Bus Transceivers with 3-state Output
REJ03D0176–0400Z
(Previous ADE-205-641C (Z))
Rev.4.00
Dec.18.2003
Description
The HD74ALVC2G245 has two buffers with three state output in an 8 pin package. When DIR is high,
data is transferred from the A inputs to the B outputs, and when DIR is low, data is transferred from the B
inputs to the A outputs. The A and B buses are separated by making the enable input (
OE) high level. Low
voltage and high-speed operation is suitable for the battery powered products (e.g., notebook computers),
and the low power consumption extends the battery life.
Features
• The basic gate function is lined up as Renesas uni logic series.
• Supplied on emboss taping for high-speed automatic mounting.
• Supply voltage range : 1.2 to 3.6 V
Operating temperature range:
−40 to +85°C
• All inputs V
IH (Max.) = 3.6 V (@VCC = 0 V to 3.6 V)
All outputs VO (Max.) = 3.6 V (@VCC = 0 V)
• Output current
±2 mA (@V
CC = 1.2 V)
±4 mA (@V
CC = 1.4 V to 1.6 V)
±6 mA (@V
CC = 1.65 V to 1.95 V)
±18 mA (@V
CC = 2.3 V to 2.7 V)
±24 mA (@V
CC = 3.0 V to 3.6 V)
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74ALVC2G245USE
SSOP-8 pin
TTP-8DBV
US
E (3,000 pcs/reel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com