Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4064 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4064
Description  Monolithic Linear Charger for Back-Up Li-Ion Batteries
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4064 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4064 Datasheet HTML 8Page - Linear Technology LTC4064 Datasheet HTML 9Page - Linear Technology LTC4064 Datasheet HTML 10Page - Linear Technology LTC4064 Datasheet HTML 11Page - Linear Technology LTC4064 Datasheet HTML 12Page - Linear Technology LTC4064 Datasheet HTML 13Page - Linear Technology LTC4064 Datasheet HTML 14Page - Linear Technology LTC4064 Datasheet HTML 15Page - Linear Technology LTC4064 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC4064
12
sn4064 4064fs
Constant-Current/Constant-Voltage/
Constant-Temperature
The LTC4064 uses a unique architecture to charge a
battery in a constant-current, constant-voltage, constant-
temperature fashion. Figure 1 shows a simplified block
diagram of the LTC4064. Three of the amplifier feedback
loops shown control the constant-current, CA, constant-
voltage, VA, and constant-temperature, TA modes. A
fourth amplifier feedback loop, MA, is used to increase the
output impedance of the current source pair, M1 and M2
(note that M1 is the internal P-channel power MOSFET). It
ensures that the drain current of M1 is exactly 1000 times
greater than the drain current of M2.
Amplifiers CA, TA, and VA are used in three separate
feedback loops to force the charger into constant-current,
temperature, or voltage mode, respectively. Diodes, D1,
D2, and D3 provide priority to whichever loop is trying to
reduce the charge current the most. The outputs of the
other two amplifiers saturate low which effectively re-
moves their loops from the system. When in constant-
current mode, CA servos the voltage at the PROG pin to be
precisely 1.50V (or 0.15V when in trickle-charge mode).
TA limits the die temperature to approximately 105°C
when in constant-temperature mode and the PROG pin
voltage gives an indication of the charge current as dis-
cussed in “Programming Charge Current”. VA servos its
inverting input to precisely 2.485V when in constant-
voltage mode and the internal resistor divider made up of
R1 and R2 ensures that the battery voltage is maintained
at 4V. Again, the PROG pin voltage gives an indication of
the charge current.
In typical operation, the charge cycle begins in constant-
current mode with the current delivered to the battery
equal to 1500V/RPROG. If the power dissipation of the
LTC4064 results in the junction temperature approaching
105°C, the amplifier (TA) will begin decreasing the charge
current to limit the die temperature to approximately
105°C. As the battery voltage rises, the LTC4064 either
returns to constant-current mode or it enters constant-
voltage mode straight from constant-temperature mode.
APPLICATIO S I FOR ATIO
NTC Trip Point Errors
When a 1% resistor is used for RHOT, the major error in
the 50°C trip point is determined by the tolerance of
the NTC thermistor. A typical 10k NTC thermistor has
a ±10% tolerance. By looking up the temperature
coefficient of the thermistor at 50°C, the tolerance error
can be calculated in degrees centigrade. Consider the
Vishay NTHS0603N02N1002J thermistor which has a
temperature coefficient of –3.3%/°C at 50°C. Dividing
the tolerance by the temperature coefficient, ±10%/
(3.3%/°C) = ±3°C, gives the temperature error of the hot
trip point.
The cold trip point is a little more complicated because its
error depends on the tolerance of the NTC thermistor and
the degree to which the ratio of its value at 0°C and its value
at 50°C varies from 7 to 1. Therefore, the cold trip point
error can be calculated using the tolerance, TOL, the
temperature coefficient of the thermistor at 0°C, TC
(in %/°C), the value of the thermistor at 0°C, RCOLD, and
the value of the thermistor at 50°C, RHOT. The formula is:
Temperature Error (°C) =
1
7
1 100
+
⎛
⎝
⎜
⎞
⎠
⎟
TOL R
R
TC
COLD
HOT
•–
•
For example, the Vishay NTHS0603N02N1002J thermistor
with a tolerance of ±10%, TC of –4.5%/°C, and RCOLD/
RHOT of 6.89, has a cold trip point error of:
Temperature Error (°C) =
10 10
7
6 89 1 100
45
±
⎛
⎝
⎜
⎞
⎠
⎟
.
•.
–
•
–.
= –1.8°C, +2.5°C
If a thermistor with a tolerance less than ±10% is used, the
trip point errors begin to depend on errors other than
thermistor tolerance including the input offset voltage of
the internal comparators of the LTC4064 and the effects of
internal voltage drops due to high charging currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com