Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2148 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2148
Description  STOTG04 IN AUDIO CARKIT ENVIRONMENT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2148 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2148 Datasheet HTML 1Page - STMicroelectronics AN2148 Datasheet HTML 2Page - STMicroelectronics AN2148 Datasheet HTML 3Page - STMicroelectronics AN2148 Datasheet HTML 4Page - STMicroelectronics AN2148 Datasheet HTML 5Page - STMicroelectronics AN2148 Datasheet HTML 6Page - STMicroelectronics AN2148 Datasheet HTML 7Page - STMicroelectronics AN2148 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AN2148 - APPLICATION NOTE
4/8
3 - STOTG04 APPLICATION
The STOTG04 transceiver supports carkit signaling on both D+ and ID lines. Therefore, it is able to
operate with both four-wire and five-wire protocol. It is up to the carkit accessory which protocol will be
used. Figure 4 shows connection of the STOTG04 full-speed USB-OTG transceiver in an application
requiring even audio mode operation.
The transceiver in Figure 4 can operate in all four operating modes: USB, I2C, UART, and audio. For
operation in audio mode it is necessary to release internal drivers to force the D+ and D- lines into high
impedance state. The UART mode is also needed for carkit. To use the transceiver in the UART mode it
is necessary to properly set the direction of UART drivers. The correct setup of control registers of the
transceiver is described in Table 2 for both audio and UART modes.
In the UART mode after a proper setup it is possible to transmit data from the SE0_VM pin to the D- line
and to receive data from the D+ line on the DAT_VP pin.
Figure 4 : Carkit Five-Wire Interface
Table 2 : Alternate Functions of a USB Signal Lines
Register
UART Mode
Audio Mode
Control 1
x 1 x x 0 x x x
(transp_en = 0, uart_en = 1)
x 0 x x 0 x x x
(transp_en = 0, uart_en = 0)
Control 2
0 0 0 0 0 0 0 0
(release all PU/PD resistors)
0 0 0 0 0 0 0 0
(release all PU/PD resistors)
Control 3
x x x 1 0 x x x
(bdir[0] = 0, bdir[1] = 1)
x x 1 x x x x x
(audio_en = 1)
VIF
SDA
SCL
ADR_PSW
RESET/
INT/
SPEED
SUSPEND
VM
VP
RCV
OE_TP_INT/
SE0_VM
DAT_VP
GND
VBAT
CAP1
CAP2
ID
VBUS
D+
D-
VTRM
CGND
ID
D+
D-
VBUS
GND
2.7–5.0 V
1.6–3.6 V
STOTG04E
Mini-AB
20
Ω±5%
220nF
4.7
µF
1
µF
TXD
RXD
SPKR_MIC
SPKR_L
VCC
VCC
Phone Processor
USB-OTG Controller
SDA
SCL
RESET/
INT/
VM
VP
RCV
OE_TP_INT/
SE0_VM
DAT_VP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com