Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2154 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2154
Description  Space vector modulation using 8-bit ST7MC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2154 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2154 Datasheet HTML 1Page - STMicroelectronics AN2154 Datasheet HTML 2Page - STMicroelectronics AN2154 Datasheet HTML 3Page - STMicroelectronics AN2154 Datasheet HTML 4Page - STMicroelectronics AN2154 Datasheet HTML 5Page - STMicroelectronics AN2154 Datasheet HTML 6Page - STMicroelectronics AN2154 Datasheet HTML 7Page - STMicroelectronics AN2154 Datasheet HTML 8Page - STMicroelectronics AN2154 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Space vector modulation theory
AN2154
4/16
1
Space vector modulation theory
Figure 1 shows a three-phase inverter connected to a star connected motor.
Figure 1.
Motor connected to a three-phase inverter
Obviously, to avoid shorting the DC source Vdc, only one transistor for each leg must be
switched on at one time. There are only eight possible switching states depending on the
transistors that are turned on:
Please note that in states 000 and 111 (null states), points A, B, and C are shortened to the
negative and positive DC bus links respectively through low side and high side transistors so
there are no line-to-line voltages applied to the motor. On the contrary, in the remaining six
states, a voltage is present across the motor phases, causing a current to flow through
statorical windings and flux to be produced by this current.
It is very useful to express the states reported in Table 1 as space vectors. The six active
vectors and the two null states can be plotted on the complex plane as shown in Figure 2:
Table 1.
Three-phase Inverter allowed states
State
Conducting transistor
000
T2, T4, T6
001
T2, T4, T5
010
T2, T3, T6
011
T2, T3, T5
100
T1, T4, T6
101
T1, T4, T5
110
T1, T3, T6
111
T1, T3, T5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com