Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2182 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2182
Description  Filters using the ST10 DSP library
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2182 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2182 Datasheet HTML 1Page - STMicroelectronics AN2182 Datasheet HTML 2Page - STMicroelectronics AN2182 Datasheet HTML 3Page - STMicroelectronics AN2182 Datasheet HTML 4Page - STMicroelectronics AN2182 Datasheet HTML 5Page - STMicroelectronics AN2182 Datasheet HTML 6Page - STMicroelectronics AN2182 Datasheet HTML 7Page - STMicroelectronics AN2182 Datasheet HTML 8Page - STMicroelectronics AN2182 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Digital filtering principles
AN2182
4/18
2
Digital filtering principles
Assume a continuous signal x(t) (the complex form corresponds to the signal’s phase and
magnitude at the instant t) with a pass band B. Assume that this signal will be filtered using a
filter with a continuous impulse response h(t).
When digital processing has to be used, it is necessary to sample the input signal with a
frequency of Fs = 1/Ts (Ts being the sampling period). The output signal is then reconstituted
from the samples obtained at the filter’s output.
Figure 1.
Example of input and output signals
The Shannon theorem states that when sampling a signal at discrete intervals, the sampling
frequency Fs should be greater than twice the highest frequency of the input signal.
2.1
Fourier transform of a sampled signal
Signals are converted from the time domain to the frequency domain usually through the
Fourier transform. With the Fourier transform, the signal is converted to a magnitude and phase
at each frequency.
The Fourier transform of the sampled signal x(k) has the following expression:
The time representation can be computed from the X(f) as follows:
2.2
Linear filtering
Using the notations defined in the previous section, the output signal y(n) is the convolution of
the input signal x(k) and the filter impulse response h(k) .
where x(n) = x(nTs), h(n – k) = h((n – k)Ts) and y(n) = y(nTs).
Filter h
Input signal
Output signal
Xf
()
xk
()e
i2k
πf
=
xk
()
Xf
()e
i
– 2k
πf
=
yn
()
hn
k
()xk
()
hk
() xk
()
()
n
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com