Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2197 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2197
Description  Guidelines for migrating
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2197 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2197 Datasheet HTML 1Page - STMicroelectronics AN2197 Datasheet HTML 2Page - STMicroelectronics AN2197 Datasheet HTML 3Page - STMicroelectronics AN2197 Datasheet HTML 4Page - STMicroelectronics AN2197 Datasheet HTML 5Page - STMicroelectronics AN2197 Datasheet HTML 6Page - STMicroelectronics AN2197 Datasheet HTML 7Page - STMicroelectronics AN2197 Datasheet HTML 8Page - STMicroelectronics AN2197 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2 ST72F321 Migration: feature overview
AN2187
4/13
2
ST72F321 Migration: feature overview
Table 3.
ST72F321 Migration: feature overview
“-” stands for: No change vs. ST72F321, fully compatible with existing development
Note 1: Refer to the corresponding datasheets for more information.
Note 2: Exit from Active Halt available with external interrupts (see Section 7)
Note 3: improved ADC accuracy
Note 4: Go to http://www.st.com for information on third-party tools.
Feature 1)
ST72F321
ST72F321B
ST72F325
Package
TQFP44 / TQFP64
-
-
Program Memory
32K to 60KFlash
-
16K to 60K Flash
Operating Supply
3.8 V to 5.5V
-
-
Register Map
128 bytes
-
-
I/Os (High sink)
48/32 pins
-
-
Power saving Modes
Slow / Wait / Active Halt /
Halt
- 2)
- 2)
Nested Interrupts
Yes
-
-
MCC / RTC
Yes
-
-
Watchdog
Yes
-
-
16-bit Timer
(OC / IC / PWM)
2 Timers (3 / 3 / 2)
-
-
8-bit PWMART
(OC / IC / PWM)
1 Timer (4 / 0 / 4)
-
-
SPI
Yes
-
-
SCI
Yes
-
-
I2C
Yes
-
-
ADC
Yes (10-bit)
- 3)
- 3)
LVD
3 Levels
-
-
CSS
No
-
Yes
Development tools
ST7MDT20x-EMU3 and ST7MTD20-DVP3
ST7232X-SK/RAIS
Programming tools4)
ST7MDT20x-EPB and ST7MTD20-DVP3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com