Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2202 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2202
Description  STR73x microcontroller power management
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2202 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2202 Datasheet HTML 1Page - STMicroelectronics AN2202 Datasheet HTML 2Page - STMicroelectronics AN2202 Datasheet HTML 3Page - STMicroelectronics AN2202 Datasheet HTML 4Page - STMicroelectronics AN2202 Datasheet HTML 5Page - STMicroelectronics AN2202 Datasheet HTML 6Page - STMicroelectronics AN2202 Datasheet HTML 7Page - STMicroelectronics AN2202 Datasheet HTML 8Page - STMicroelectronics AN2202 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AN2202
2 Clock management
5/12
2
Clock management
The following figure provides an overview of the clock management block of the STR73x:
Figure 3.
Clock management block
Legend:
fMCLK = to CPU and peripherals
fCLK1 = from CMU, to PRCCU
fCLK2 = before PLL
2.1
Clock configuration & power management
Different clock configurations are provided by the STR73x MCU offering the means to optimize
the power consumption in the device, the main features are:
●
Individual peripheral clock disabling.
●
Up to three low power system clocks: CLK2, CLK2/16 and the PLL Free running mode
clock (refer to the PRCCU section in the STR73x reference manual for details on the PLL
free running mode).
2.2
Disabling peripherals clocks
The peripheral clock managing registers (PCGR0 and PCGR1 of the configuration registers)
allows each module clock of the device to be switched on/off individually. Refer to the
Configuration Registers section in the STR73x reference manual.
Note: 1 PLL is automatically disabled when:
- The Main Voltage Regulator (MVR) is stopped
- Entering LPWFI, STOP or HALT low power modes
- When PRCCU_PLLCR DX[2:0] bits are set to ‘111’ and FREEN bit is reset
2 When not using the RC clock, you can disable it by setting bit RCHSE and/or RCSS in the
PCU_CTRL register.
1/2
PLL
XTAL1
XTAL2
1/16
PRESCALER
PRCCU
Main
Oscillator
RC
Oscillator
Back Up
CMU
WAKE Up Timer
fOsc
fRC
VBIAS
fCLK1
fCLK2
fMCLK
fEXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com