Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2267 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2267
Description  Implementation of current regulator for BLDC motor control with ST7FMC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2267 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2267 Datasheet HTML 3Page - STMicroelectronics AN2267 Datasheet HTML 4Page - STMicroelectronics AN2267 Datasheet HTML 5Page - STMicroelectronics AN2267 Datasheet HTML 6Page - STMicroelectronics AN2267 Datasheet HTML 7Page - STMicroelectronics AN2267 Datasheet HTML 8Page - STMicroelectronics AN2267 Datasheet HTML 9Page - STMicroelectronics AN2267 Datasheet HTML 10Page - STMicroelectronics AN2267 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
AN2267
Implementation using ST7FMC
7/19
4
Implementation using ST7FMC
A typical schematic block diagram of ST7FMC based sensorless control of BLDC motor [2]
is shown in Figure 7. Refer to Appendix C on page 16 for a complete schematic of the
experimental hardware. This schematic resembles the motor control starter kit schematic
from Softec Microsystems, with matching I/O assignments wherever possible.
Figure 7.
Schematic block diagram of ST7FMC based sensorless control of BLDC
motor
Figure 8a shows the PWM carrier configured in center aligned mode, where the counter
counts up to a maximum value (as defined by MCP0) and starts counting down to zero and
repeats this cycle again. (See Appendix A for information on setting the PWM frequency).
The PWM generator is set to generate a duty cycle update interrupt (U event) upon
completion of every N carrier cycles as specified by MREP register. (See Appendix A for
information on setting the periodicity of this interrupt). The timing of the U event or interrupt
is positioned as shown in Figure 8a. The carrier is compared with MCPU and PWM pulses
are generated as shown in Figure 8b. Due to the application of PWM voltage on motor
windings, a current flows in its windings as shown in Figure 8c.
BLDC
MCO0
MCO1
MCO2
MCO3
MCO4
MCO5
AINx
PE0
PE1
PE2
MCIA
MCIB
MCIC
Shut Down
Vdclink
VCC
Speed Ref
AINy
Max Current
VCC
ST7FMC
Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com