Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD6466GS Datasheet(PDF) 48 Page - NEC

Part # UPD6466GS
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6466GS Datasheet(HTML) 48 Page - NEC

Back Button UPD6466GS Datasheet HTML 44Page - NEC UPD6466GS Datasheet HTML 45Page - NEC UPD6466GS Datasheet HTML 46Page - NEC UPD6466GS Datasheet HTML 47Page - NEC UPD6466GS Datasheet HTML 48Page - NEC UPD6466GS Datasheet HTML 49Page - NEC UPD6466GS Datasheet HTML 50Page - NEC UPD6466GS Datasheet HTML 51Page - NEC UPD6466GS Datasheet HTML 52Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
48
µPD6466
3.16 Test Mode
This command is used to test the IC and must not be used for any other purposes.
The IC cannot be set in the test mode when the TEST pin (
µPD6466GS-xxx: pin 9/GT-xxx: pin 10) is connected
to GND.
(1) With MSB first (The command is input from MSB (D15).)
(MSB)
(LSB)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
10110000
T7
T6
T5
T4
T3
T2
T1
T0
(2) With LSB first (Use of each bit is the same as (1). The command is input from LSB (D0).)
(LSB)
(MSB)
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
00001101
T0
T1
T2
T3
T4
T5
T6
T7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70