Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2282 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2282
Description  With the ever-increasing success
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2282 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2282 Datasheet HTML 1Page - STMicroelectronics AN2282 Datasheet HTML 2Page - STMicroelectronics AN2282 Datasheet HTML 3Page - STMicroelectronics AN2282 Datasheet HTML 4Page - STMicroelectronics AN2282 Datasheet HTML 5Page - STMicroelectronics AN2282 Datasheet HTML 6Page - STMicroelectronics AN2282 Datasheet HTML 7Page - STMicroelectronics AN2282 Datasheet HTML 8Page - STMicroelectronics AN2282 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Hardware
AN2282
4/19
The STR710 main features are as follows [1]:
●
Memories:
–
Up to 272 KB (256+16) FLASH program memory
–
Up to 64 KB RAM
–
EMI for up to 4 banks with 16MB of addressing space each (64MB total)
–
Multi-boot capability
●
Clock, Reset and Supply Management:
–
3.3V supply and I/O interface
–
Embedded 1.8V voltage regulator for core supply
–
Up to 50 MHz CPU operating frequency with external clock source and internal
PLL
–
Real-time clock for clock-calendar function
–
4 power saving modes: SLOW, WAIT, STOP and STANDBY
●
Nested Interrupt Controller:
–
Fast interrupt handling with multiple vectors
–
32 vectors with 16 IRQ priority levels
–
2 maskable FIQ sources
●
I/O Ports:
–
Up to 48 I/O ports
●
5 Timers:
–
16-bit watchdog timer
–
Four 16-bit timers each with: 2 input captures, 2 output compares, PWM and
pulses counter mode
●
10 Communication Interfaces:
–
2 I2C interfaces (1 multiplexed with SPI)
–4 UART
–
Smart card ISO7816-3 interface on UART1
–
2 BSPI
–
CAN interface (2.0B Active)
–
Full speed USB (12Mbits/sec)
–
HDLC interface
●
4 Channel 12-bit A/D Converter:
–
Sampling frequency up to 1 KHz
–
Conversion range: 0 to 2.5V
●
Development Tools Support:
–
JTAG with debug mode trigger request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com