Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2350 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2350
Description  Guidelines for the control of a multiaxial planar robot with ST10F276
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2350 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2350 Datasheet HTML 5Page - STMicroelectronics AN2350 Datasheet HTML 6Page - STMicroelectronics AN2350 Datasheet HTML 7Page - STMicroelectronics AN2350 Datasheet HTML 8Page - STMicroelectronics AN2350 Datasheet HTML 9Page - STMicroelectronics AN2350 Datasheet HTML 10Page - STMicroelectronics AN2350 Datasheet HTML 11Page - STMicroelectronics AN2350 Datasheet HTML 12Page - STMicroelectronics AN2350 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
AN2350
An overview on robotics
9/41
Out from the circumference, with origin (154 mm, 0 mm) and radius 51 mm, the manipulator
is able to reach a point of the workspace with two possible configurations of the joint
variables; the points inside this circumference are reachable with four possible
configurations of the joint variables as shown in Figure 5.
The center of the workspace is reachable with every orientation.
Figure 5.
A detail of the central area of the wafer handler workspace
1.2.2
Inverse kinematics
A geometric approach based on the link coordinate systems and on the manipulator
configuration has been used for the manipulator. Since we refer to the control of only one
arm (link 1 - shoulder, link 2 - elbow), the origin of the base coordinates has been placed in
such way that the z0 axis lies along the rotation axis of the revolute joint of the shoulder.
First of all, we consider the manipulator in the configuration described in the following figure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com