Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2367 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2367
Description  This application note describes an optimized memory copy
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2367 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2367 Datasheet HTML 2Page - STMicroelectronics AN2367 Datasheet HTML 3Page - STMicroelectronics AN2367 Datasheet HTML 4Page - STMicroelectronics AN2367 Datasheet HTML 5Page - STMicroelectronics AN2367 Datasheet HTML 6Page - STMicroelectronics AN2367 Datasheet HTML 7Page - STMicroelectronics AN2367 Datasheet HTML 8Page - STMicroelectronics AN2367 Datasheet HTML 9Page - STMicroelectronics AN2367 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
The optimized routine
AN2367
6/13
All these results were obtained on a STR910-EVAL best case configuration for speed. The
clock is 96 MHz, the number of wait states is minimum for Flash and for SRAM.
The code is run from Flash.
Using the former table and adding a line for a 342-byte TCP-IP packet gives the following
numbers.
2.5
Portability
Since the code is written in assembler, in principle it can used with any other toolchain.
However it contains a keyword DC32 that is a directive specific to the IAR toolchain.
This directive is used to declare a 32-bit constant.
This can be easily ported by using the Toolchain respective directives.
GNU tool chain
.word
ARM ADS Toolchain
DCD
317
417
544
644
734
834
961
10
61
11
49
12
38
13
65
14
65
15
55
Table 5.
Performance results summary
Number of bytes
Number of cycles
Number of microseconds
32
126
1.38
128
276
2.88
342
1620
6.58
512
852
8.88
1024
1620
16.88
Table 4.
Performance results (no. of bytes not divisible by 16)
Remaining bytes
Additional cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com