Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2372 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2372
Description  Low cost sinusoidal control of BLDC motors with Hall sensors using ST7FMC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2372 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2372 Datasheet HTML 1Page - STMicroelectronics AN2372 Datasheet HTML 2Page - STMicroelectronics AN2372 Datasheet HTML 3Page - STMicroelectronics AN2372 Datasheet HTML 4Page - STMicroelectronics AN2372 Datasheet HTML 5Page - STMicroelectronics AN2372 Datasheet HTML 6Page - STMicroelectronics AN2372 Datasheet HTML 7Page - STMicroelectronics AN2372 Datasheet HTML 8Page - STMicroelectronics AN2372 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AN2372
Experimental implementation using ST7FMC
5/13
2
Experimental implementation using ST7FMC
The power of ST7MC to control BLDC motors with trapezoidal flux distribution, in 6 step
mode, is well known. In addition to this, ST7MC is also capable of delivering three phase
sinusoidal complementary PWMs with programmable dead time insertion to control a two-
level three-phase inverter that can drive any three-phase loads. It has a speed feedback
block that can either count the number of encoder pulses in a given time frame (in encoder
mode) or identify the time lapsed between two consecutive tacho edges (in tacho mode). In
the experiment performed using ST7MC on a three-phase PMSM, three-phase PWM
generation and speed feedback in tacho mode are used.
The control block diagram is shown in Figure 3. A speed command from the user is passed
through a ramper that sets the acceleration and deceleration rates and generates a speed
command for closed loop control. This is compared with a speed feedback estimate and the
error is passed through a PI controller that generates the magnitude reference for a 3 phase
sine voltage to be applied on the motor. Usually speed loops set the current reference for an
inner current loop for current controlled ramp up and ramp down. But this is handled in a
simplified manner and is described in Section 2.2. Speed feedback is estimated as
described in Section 2.1.
Figure 3.
Implementation block diagram
θ represents the estimated angular position of phase back emf A at any given instant. δ
represents the angle enforced between the back emf and applied stator voltages. By
controlling this value, the motor can be made to operate in unity power factor. In this
experiment, the load is assumed to be a friction load. This means that the load torque
increases linearly with speed. To obtain close to unity power factor at all speeds, the load
angle is varied linearly with speed. Provision is given on this test setup to exclude load angle
compensation to study the difference in performance. The effect of load angle compensation
is predominantly visible at higher loads and speeds. With load angle compensation, the
phase currents and DC link currents are appreciably lower than without it under same load
conditions and the waveforms are shown in Figure 4.
Vm
Vm’
ω
set
ω*
+
-
ω
ρ
δ
+
+
θ
Position
Hall
Ramper
PI
Controller
Current
limiter
3 Phase
PWM
Generator
and Inverter
PMSM
Speed and
Absolute position
estimator
F(
ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com