Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2399 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2399
Description  RFID library for SR176 tag management with STR71x
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2399 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2399 Datasheet HTML 1Page - STMicroelectronics AN2399 Datasheet HTML 2Page - STMicroelectronics AN2399 Datasheet HTML 3Page - STMicroelectronics AN2399 Datasheet HTML 4Page - STMicroelectronics AN2399 Datasheet HTML 5Page - STMicroelectronics AN2399 Datasheet HTML 6Page - STMicroelectronics AN2399 Datasheet HTML 7Page - STMicroelectronics AN2399 Datasheet HTML 8Page - STMicroelectronics AN2399 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
AN2399
Operating ranges and applications
5/22
3
Operating ranges and applications
The RFID operating ranges are defined by the distance between the transponder(s) and the
reader.
3.1
Close coupling
The close-coupling range includes the transponder-reader distances up to 5 cm. Brand
protection, anti-counterfeiting of electronic goods and food consumables, as well as
electronic purchases at vending machines operate in the close-coupling range. These
applications employ low-cost readers operating with a limited number of transponders and
require security features such as password, anti-clone, or cryptographic capabilities.
3.2
Short range
In addition, RF technology systems are a universal solution for various ticketing applications,
regardless of the means of transport used (public transportation or private car). Contactless
systems can also be used in a wide range of access-control applications, including entrance
systems to and within public buildings (in offices, for example), time and attendance
systems, room logistics at hotels, locking systems, and amusement parks. These short-
range or proximity-range applications use low-cost transponders embedded in plastic cards
or paper tickets and operate in the range up to 20 cm. Readers and transponders from
different suppliers must be fully interoperable. Required security levels are satisfied through
password, anti-clone, or cryptographic capabilities.
3.3
Long range
RF transponders are a low-cost universal solution for tracking a wide variety of valuable
assets (e.g. package delivery, animal tracking) and improving the product supply chain
management from manufacturing to stock handling to distribution. Capable of storing
traceability history, transponders provide accurate real-time information on each tagged
item. Similarly, they can be used for anti-theft applications (using Electric Article
Surveillance) or access control from a longer distance.
These long-range or vicinity-range applications operate within 1 m from the reader and
typically involve a large number of low-cost transponders (100+), requiring reliable anti-
collision mechanisms and transponder-reader interoperability.
3.4
Extended or very long range
Extended or very long-range (up to 10 meters) RFID systems will be instrumental in creating
low-cost contactless solutions for new supply chains, logistics, and tracking applications that
can offer improved efficiency, accuracy, and security standards to major manufacturers,
retailers, and their customers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com