Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2491 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2491
Description  STW8110x hardware component layer API guide
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2491 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2491 Datasheet HTML 1Page - STMicroelectronics AN2491 Datasheet HTML 2Page - STMicroelectronics AN2491 Datasheet HTML 3Page - STMicroelectronics AN2491 Datasheet HTML 4Page - STMicroelectronics AN2491 Datasheet HTML 5Page - STMicroelectronics AN2491 Datasheet HTML 6Page - STMicroelectronics AN2491 Datasheet HTML 7Page - STMicroelectronics AN2491 Datasheet HTML 8Page - STMicroelectronics AN2491 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AN2491
STW8110x API package
5/32
1
STW8110x API package
It is highly recommended to read the STW81101, STW81102 or STW81103 datasheet
before continuing to read this document. This API is a simple abstraction of the principles
presented in these datasheets.
The STW8110x device has two embedded digital bus interfaces (I2C and SPI) which allow
their internal registers to be programmed. Each of these interfaces has its own dedicated
protocol which must be followed to program the device correctly. For details of the
STW8110x register and SPI and I2C protocols, refer to the relevant datasheet.
1.1
Content
Three files are available in this package. A fourth file must be created by the user with
implementation of I2C and SPI functions according to the master interface.
Figure 1.
Files available with this package
1.1.1
Digital bus interface header file
Contains declarations of functions to be implemented by the user (refer to
Section 8 for a
complete listing). This subsection describes the tasks that the functions must accomplish.
For more details about the digital bus protocol flow and configuration to apply to your master
interface (as frequency) please refer to the STW81101, STW81102 or STW81103
datasheet.
I2C mode
t_I2C_Ack I2C_Send_data(unsigned char *data, int nb_bytes)
{
// 1 - Send Start Bit
// 2 - loop i=1 to i=nb_bytes
//
a - send data[i]
//
b - wait acknowledge of slave
// 3 - Send Stop Bit
// return ACK, or NO_ACK if acknowledge hasn’t been received
}
t_I2C_Ack I2C_Read_data(unsigned char Add, unsigned char *data)
{
// 1 - Send Start Bit
// 2 - send Add
// 3 - wait acknowledge of slave
1. Digital bus interface header file
2. STW8110x API header file
3. STW8110x API source file



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com