Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1361 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1361
Description  Dual and Quad 50MHz, 800V/ms Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1361 Datasheet(HTML) 1 Page - Linear Technology

  LT1361 Datasheet HTML 1Page - Linear Technology LT1361 Datasheet HTML 2Page - Linear Technology LT1361 Datasheet HTML 3Page - Linear Technology LT1361 Datasheet HTML 4Page - Linear Technology LT1361 Datasheet HTML 5Page - Linear Technology LT1361 Datasheet HTML 6Page - Linear Technology LT1361 Datasheet HTML 7Page - Linear Technology LT1361 Datasheet HTML 8Page - Linear Technology LT1361 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1361/LT1362
s
50MHz Gain Bandwidth
s
800V/
µs Slew Rate
s
5mA Maximum Supply Current per Amplifier
s
Unity-Gain Stable
s
C-Load
TM Op Amp Drives All Capacitive Loads
s
9nV/
√Hz Input Noise Voltage
s
1mV Maximum Input Offset Voltage
s
1
µA Maximum Input Bias Current
s
250nA Maximum Input Offset Current
s
±13V Minimum Output Swing into 500Ω
s
±3.2V Minimum Output Swing into 150Ω
s
4.5V/mV Minimum DC Gain, RL=1k
s
60ns Settling Time to 0.1%, 10V Step
s
0.2% Differential Gain, AV=2, RL=150Ω
s
0.3
° Differential Phase, AV=2, RL=150Ω
s
Specified at
±2.5V, ±5V, and ±15V
Dual and Quad
50MHz, 800V/
µs Op Amps
The LT1361/LT1362 are dual and quad low power high
speed operational amplifiers with outstanding AC and DC
performance. The amplifiers feature much lower supply
current and higher slew rate than devices with comparable
bandwidth. The circuit topology is a voltage feedback
amplifier with matched high impedance inputs and the
slewing performance of a current feedback amplifier. The
high slew rate and single stage design provide excellent
settling characteristics which make the circuit an ideal
choice for data acquisition systems. Each output drives a
500
Ω load to ±13V with ±15V supplies and a 150Ω load to
±3.2V on ±5V supplies. The amplifiers are stable with any
capacitive load making them useful in buffer or cable
driving applications.
The LT1361/LT1362 are members of a family of fast, high
performance amplifiers using this unique topology and
employing Linear Technology Corporation’s advanced
bipolar complementary processing. For a single amplifier
version of the LT1361/LT1362 see the LT1360 data sheet.
For higher bandwidth devices with higher supply currents
see the LT1363 through LT1365 data sheets. For lower
supply current amplifiers see the LT1354 to LT1359 data
sheets. Singles, duals, and quads of each amplifier are
available.
s
Wideband Amplifiers
s
Buffers
s
Active Filters
s
Video and RF Amplification
s
Cable Drivers
s
Data Acquisition Systems
Cable Driver Frequency Response
1361/1362 TA02
AV = –1 Large-Signal Response
C-Load is a trademark of Linear Technology Corporation
FREQUENCY (MHz)
1
–8
–6
–4
–2
0
2
100
1361/1362 TA01
10
VS = ±10V
VS = ±5V
VS = ±2.5V
VS = ±15V
–
+
1/2
LT1361
510
Ω
75
Ω
OUT
75
Ω
IN
510
Ω
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LT1361

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1361 LINER-LT1361 Datasheet
220Kb / 12P
Dual and Quad 50MHz, 800V/us Op Amps
logo
Linear Integrated Syste...
LT1361 LINEAR-LT1361 Datasheet
453Kb / 16P
Dual and Quad 25MHz, 600V/s Op Amps
logo
Linear Technology
LT1361 LINER-LT1361 Datasheet
225Kb / 16P
Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
LT1361 LINER-LT1361 Datasheet
1Mb / 20P
90MHz, 2200V/關s 30V Low Power Op Amps
logo
Analog Devices
LT1361 AD-LT1361 Datasheet
216Kb / 8P
1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
More results

Similar Description - LT1361

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1358 LINER-LT1358 Datasheet
259Kb / 12P
Dual and Quad 25MHz, 600V/us Op Amps
LT1360 LINER-LT1360 Datasheet
263Kb / 16P
50MHz, 800V/us Op Amp
LT1361 LINER-LT1361 Datasheet
220Kb / 12P
Dual and Quad 50MHz, 800V/us Op Amps
logo
Maxim Integrated Produc...
MXL1013 MAXIM-MXL1013 Datasheet
160Kb / 8P
Dual/Quad Precision Op Amps
logo
Linear Integrated Syste...
LT1213 LINEAR-LT1213_1 Datasheet
391Kb / 20P
28MHz, 12V/ms, Single Supply Dual and Quad Precision Op Amps
logo
Linear Technology
LT1803 LINER-LT1803 Datasheet
401Kb / 20P
Single/Dual/Quad 100V/ms, 85MHz, Rail-to-Rail Input and Output Op Amps
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
Single/Quad/Dual Op Amps
Rev 5; 1/14
logo
Linear Technology
LT1360 LINER-LT1360_15 Datasheet
229Kb / 16P
50MHz, 800V/s Op Amp
LT1208 LINER-LT1208_15 Datasheet
276Kb / 12P
Dual and Quad 45MHz, 400V/s Op Amps
LT1362 LINER-LT1362_15 Datasheet
235Kb / 12P
Dual and Quad 50MHz, 800V/s Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com