Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1364 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1364
Description  Dual and Quad 70MHz, 1000V/s Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1364 Datasheet(HTML) 1 Page - Linear Technology

  LT1364 Datasheet HTML 1Page - Linear Technology LT1364 Datasheet HTML 2Page - Linear Technology LT1364 Datasheet HTML 3Page - Linear Technology LT1364 Datasheet HTML 4Page - Linear Technology LT1364 Datasheet HTML 5Page - Linear Technology LT1364 Datasheet HTML 6Page - Linear Technology LT1364 Datasheet HTML 7Page - Linear Technology LT1364 Datasheet HTML 8Page - Linear Technology LT1364 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1364/LT1365
s
70MHz Gain Bandwidth
s
1000V/
µs Slew Rate
s
7.5mA Maximum Supply Current per Amplifier
s
Unity-Gain Stable
s
C-Load
TM Op Amp Drives All Capacitive Loads
s
9nV/
√Hz Input Noise Voltage
s
1.5mV Maximum Input Offset Voltage
s
2
µA Maximum Input Bias Current
s
350nA Maximum Input Offset Current
s
50mA Minimum Output Current
s
±7.5V Minimum Output Swing into 150Ω
s
4.5V/mV Minimum DC Gain, RL=1k
s
50ns Settling Time to 0.1%, 10V Step
s
0.06% Differential Gain, AV=2, RL=150Ω
s
0.04
° Differential Phase, AV=2, RL=150Ω
s
Specified at
±2.5V, ±5V, and ±15V
Dual and Quad
70MHz, 1000V/
µs Op Amps
The LT1364/LT1365 are dual and quad high speed opera-
tional amplifiers with outstanding AC and DC perfor-
mance. The amplifiers feature much lower supply current
and higher slew rate than devices with comparable band-
width. The circuit topology is a voltage feedback amplifier
with matched high impedance inputs and the slewing
performance of a current feedback amplifier. The high
slew rate and single stage design provide excellent settling
characteristics which make the circuit an ideal choice for
data acquisition systems. Each output drives a 150
Ω load
to
±7.5V with ±15V supplies and to ±3.4V on ±5V sup-
plies. The amplifiers are stable with any capacitive load
making them useful in buffer or cable driving applications.
The LT1364/LT1365 are members of a family of fast, high
performance amplifiers using this unique topology and
employing Linear Technology Corporation’s advanced
bipolar complementary processing. For a single amplifier
version of the LT1364/LT1365 see the LT1363 data sheet.
For 50MHz devices with 4mA supply currents see the
LT1360 through LT1362 data sheets. For lower supply
current amplifiers see the LT1354 to LT1359 data sheets.
Singles, duals, and quads of each amplifier are available.
s
Wideband Amplifiers
s
Buffers
s
Active Filters
s
Video and RF Amplification
s
Cable Drivers
s
Data Acquisition Systems
FREQUENCY (MHz)
1
–8
–6
–4
–2
0
2
100
1364/1365 TA01
10
VS = ±10V
VS = ±5V
VS = ±2.5V
VS = ±15V
–
+
1/2
LT1364
510
Ω
75
Ω
OUT
75
Ω
IN
510
Ω
Cable Driver Frequency Response
1364/1365 TA02
AV = –1 Large-Signal Response
C-Load is a trademark of Linear Technology Corporation
, LTC and LT are registered trademarks of Linear Technology Corporation.
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO


Similar Part No. - LT1364

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1364 LINER-LT1364 Datasheet
265Kb / 12P
Dual and Quad 70MHz, 1000V/us Op Amps
LT1364 LINER-LT1364 Datasheet
1Mb / 20P
90MHz, 2200V/關s 30V Low Power Op Amps
LT1364CN8 LINER-LT1364CN8 Datasheet
265Kb / 12P
Dual and Quad 70MHz, 1000V/us Op Amps
LT1364CS8 LINER-LT1364CS8 Datasheet
265Kb / 12P
Dual and Quad 70MHz, 1000V/us Op Amps
More results

Similar Description - LT1364

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1364 LINER-LT1364 Datasheet
265Kb / 12P
Dual and Quad 70MHz, 1000V/us Op Amps
logo
Linear Integrated Syste...
LT1359CS14 LINEAR-LT1359CS14 Datasheet
453Kb / 16P
Dual and Quad 25MHz, 600V/s Op Amps
logo
Linear Technology
LT1363 LINER-LT1363_15 Datasheet
219Kb / 12P
70MHz, 1000V/s Op Amp
LT1208 LINER-LT1208_15 Datasheet
276Kb / 12P
Dual and Quad 45MHz, 400V/s Op Amps
LT1209 LINER-LT1209_15 Datasheet
276Kb / 12P
Dual and Quad 45MHz, 400V/s Op Amps
LT1362 LINER-LT1362_15 Datasheet
235Kb / 12P
Dual and Quad 50MHz, 800V/s Op Amps
LT1365 LINER-LT1365_15 Datasheet
229Kb / 12P
Dual and Quad 70MHz, 1000V/s Op Amps
LT1355 LINER-LT1355_15 Datasheet
681Kb / 16P
Dual and Quad 12MHz, 400V/s Op Amps
LT1356 LINER-LT1356_15 Datasheet
681Kb / 16P
Dual and Quad 12MHz, 400V/s Op Amps
LT1359 LINER-LT1359_15 Datasheet
483Kb / 16P
Dual and Quad 25MHz, 600V/s Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com