Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2586 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2586
Description  Getting started with STM32F10xxx hardware development
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2586 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2586 Datasheet HTML 5Page - STMicroelectronics AN2586 Datasheet HTML 6Page - STMicroelectronics AN2586 Datasheet HTML 7Page - STMicroelectronics AN2586 Datasheet HTML 8Page - STMicroelectronics AN2586 Datasheet HTML 9Page - STMicroelectronics AN2586 Datasheet HTML 10Page - STMicroelectronics AN2586 Datasheet HTML 11Page - STMicroelectronics AN2586 Datasheet HTML 12Page - STMicroelectronics AN2586 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AN2586
Power supplies
Doc ID 13675 Rev 7
9/28
1.3.2
Programmable voltage detector (PVD)
You can use the PVD to monitor the VDD power supply by comparing it to a threshold
selected by the PLS[2:0] bits in the Power control register (PWR_CR).
The PVD is enabled by setting the PVDE bit.
A PVDO flag is available, in the Power control/status register (PWR_CSR), to indicate
whether VDD is higher or lower than the PVD threshold. This event is internally connected to
EXTI Line16 and can generate an interrupt if enabled through the EXTI registers. The PVD
output interrupt can be generated when VDD drops below the PVD threshold and/or when
VDD rises above the PVD threshold depending on the EXTI Line16 rising/falling edge
configuration. As an example the service routine can perform emergency shutdown tasks.
Figure 4.
PVD thresholds
1.3.3
System reset
A system reset sets all registers to their reset values except for the reset flags in the clock
controller CSR register and the registers in the Backup domain (see Figure 1).
A system reset is generated when one of the following events occurs:
1.
A low level on the NRST pin (external reset)
2.
window watchdog end-of-count condition (WWDG reset)
3.
Independent watchdog end-of-count condition (IWDG reset)
4.
A software reset (SW reset)
5.
Low-power management reset
The reset source can be identified by checking the reset flags in the Control/Status register,
RCC_CSR.
VDD
100 mV
hysteresis
PVD threshold
PVD output
ai14365



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com