Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2606 Datasheet(PDF) 42 Page - STMicroelectronics

Part # AN2606
Description  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 38Page - STMicroelectronics AN2606 Datasheet HTML 39Page - STMicroelectronics AN2606 Datasheet HTML 40Page - STMicroelectronics AN2606 Datasheet HTML 41Page - STMicroelectronics AN2606 Datasheet HTML 42Page - STMicroelectronics AN2606 Datasheet HTML 43Page - STMicroelectronics AN2606 Datasheet HTML 44Page - STMicroelectronics AN2606 Datasheet HTML 45Page - STMicroelectronics AN2606 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 155 page
background image
STM32F2xxxx devices bootloader
AN2606
42/155
DocID13801 Rev 21
10
STM32F2xxxx devices bootloader
Two bootloader versions are available on STM32F2xxxx devices:
•
V2.0 supporting USART1 and USART3
This version is embedded in STM32F2xxxx devices revision B.
•
V3.2 supporting USART1, USART3, CAN2 and DFU (USB FS Device)
This version is embedded in STM32F2xxxx devices revision X and Y.
10.1
Bootloader V2.x
10.1.1
Bootloader configuration
The STM32F2xxxx bootloader is activated by applying pattern1 (described in Table 2:
Bootloader activation patterns). The following table shows the hardware resources used by
this bootloader.
Table 18. STM32F2xxxx configuration in System memory boot mode
Bootloader
Feature/Peripheral
State
Comment
Common to all
bootloaders
RCC
HSI enabled
The system clock frequency is 24 MHz.
RAM
-
8 Kbytes starting from address 0x2000
0000.
System memory
-
30688 bytes starting from address 0x1FFF
0000 contain the bootloader firmware.
IWDG
-
The independent watchdog (IWDG)
prescaler is configured to its maximum
value and is periodically refreshed to
prevent watchdog reset (in case the
hardware IWDG option was previously
enabled by the user).
Power
-
Voltage range is set to [1.62 V, 2.1 V]. In
this range internal Flash write operations
are allowed only in byte format (Half-Word,
Word and Double-Word operations are not
allowed). The voltage range can be
configured in run time using bootloader
commands.
USART1
bootloader
USART1
Enabled
Once initialized, the USART1 configuration
is: 8 bits, even parity and 1 Stop bit.
USART1_RX pin
Input
PA10 pin: USART1 in reception mode
USART1_TX pin
Output
PA9 pin: USART1 in transmission mode
USART3
bootloader (on
PC10/PC11)
USART3
Enabled
Once initialized, the USART3 configuration
is: 8 bits, even parity and 1 Stop bit.
USART3_RX pin
Input
PC11 pin: USART3 in reception mode
USART3_TX pin
Output
PC10 pin: USART3 in transmission mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com