Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2645 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2645
Description  Migration and compatibility guidelines for STM8S microcontroller applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2645 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2645 Datasheet HTML 5Page - STMicroelectronics AN2645 Datasheet HTML 6Page - STMicroelectronics AN2645 Datasheet HTML 7Page - STMicroelectronics AN2645 Datasheet HTML 8Page - STMicroelectronics AN2645 Datasheet HTML 9Page - STMicroelectronics AN2645 Datasheet HTML 10Page - STMicroelectronics AN2645 Datasheet HTML 11Page - STMicroelectronics AN2645 Datasheet HTML 12Page - STMicroelectronics AN2645 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
AN2645
STM8S family compatibility
9/36
Figure 1.
STM8S family block diagram
Internal RC oscilator
16 MHz
External Xtal
1-24 MHz
Internal RC oscilator
128 kHz
Clock
controller
Clock
detector
STM8S Core
IT controller
SWIM debug
module
ADC
Reset block
Voltage
regulator
POR
BOR
Flash
memory
SRAM
memory
EEPROM
memory
BOOT ROM
memory
SPI
I2C
UARTs
Timers
Watchdogs
Beeper
AWU
CAN
I/Os
Fully compatible
Compatible with minor exceptions
Compatible with significant exceptions
Legend:
Note: CAN and BootROM blocks are fully compatible but not present in all
STM8S devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com