Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2675 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2675
Description  STR91xFA in-application programming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2675 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2675 Datasheet HTML 3Page - STMicroelectronics AN2675 Datasheet HTML 4Page - STMicroelectronics AN2675 Datasheet HTML 5Page - STMicroelectronics AN2675 Datasheet HTML 6Page - STMicroelectronics AN2675 Datasheet HTML 7Page - STMicroelectronics AN2675 Datasheet HTML 8Page - STMicroelectronics AN2675 Datasheet HTML 9Page - STMicroelectronics AN2675 Datasheet HTML 10Page - STMicroelectronics AN2675 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AN2675
IAP using TFTP
7/24
Figure 4.
TFTP packets
The mode field contains the string "netascii", "octet", or "mail" that are the modes defined in
the protocol. Octet mode is used to transfer a file that is in the 8-bit format of the machine
from which the file is being transferred.
2.2
DHCP protocol overview
DHCP is a protocol used by networked computers (clients) to obtain IP addresses and other
parameters such as the default gateway, subnet mask, and a name of a boot file from a
DHCP server. It facilitates access to a network because these settings would otherwise
have to be made manually for the client to participate in the network.
DHCP operations fall into four basic phases. These phases are DHCP Discovery, DHCP
Offers, DHCP Requests and DHCP Acknowledgment.
The Client-Server DHCP interaction is described below:
●
The client broadcasts a DHCP DISCOVER message on its local physical subnet.
●
When a DHCP server receives a DHCP DISCOVER, it reserves an IP address for the
client and send a DHCP OFFER message across the network to the client.
●
When the client, in our case it is the STR912 board, receives a DHCP OFFER, it must
tell all the other DHCP servers that it has accepted an offer. To do this, the client
broadcasts a DHCP REQUEST message that could contain the call for extra
information.
●
When the DHCP server receives the DHCP REQUEST message from the client, it
initiates the final phase of the configuration process. This acknowledgement phase
involves sending a DHCP ACK packet to the client.
2 bytes
String
1 byte
String
1 byte
Opcode
File name
0
Mode
0
Opcode Block#
Data
2 bytes
2 bytes
n bytes
2 bytes
2 bytes
Opcode Block#
2 bytes
2 bytes
String
1 byte
Opcode
Error
code
Error
message
0
RRQ/WRQ packet
Data packet
ACK packet
Error packet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com