Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2682 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2682
Description  This application note describes how to interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2682 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2682 Datasheet HTML 1Page - STMicroelectronics AN2682 Datasheet HTML 2Page - STMicroelectronics AN2682 Datasheet HTML 3Page - STMicroelectronics AN2682 Datasheet HTML 4Page - STMicroelectronics AN2682 Datasheet HTML 5Page - STMicroelectronics AN2682 Datasheet HTML 6Page - STMicroelectronics AN2682 Datasheet HTML 7Page - STMicroelectronics AN2682 Datasheet HTML 8Page - STMicroelectronics AN2682 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AN2682 - Application note
CPLD design
5/15
2
CPLD design
The CLPD design is based on the MAX3000A 32 macrocell device shown in Figure 3.
Figure 3.
MAX3000A CPLD pin description
The CPLD bridge is intended to function as the master for both SPI and I2S devices. Since
the SPI peripheral is bidirectional, two I2S devices can be connected at once, as long as
they have the same SCK clock (some I2S devices are also bidirectional).
When a single device is interfaced to the microcontroller, the unused direction logic can
simply be ignored and has no effect on the interface. The CPLD bridge connections with the
STR7/9 MCU and the I2S audio device(s) are illustrated in Figure 4.
Figure 4.
SPI to I2S CPLD bridge connections
The Conf pin is used only in configuration mode. In communication mode, it can be used for
any other application purpose.
MOSI
MISO
SCLK
CLK
Start
Conf
SDo
SDi
WSo
WSi
SCK
STR7/9
CPLD
interface
Audio
I2S
device(s)
PWM OCMPA
GPIO
GPIO
GPIO/AF
GPIO/AF
AF
MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com