Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2686 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2686
Description  Using the STVM100 to fully auto adjust LCD flicker
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2686 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2686 Datasheet HTML 1Page - STMicroelectronics AN2686 Datasheet HTML 2Page - STMicroelectronics AN2686 Datasheet HTML 3Page - STMicroelectronics AN2686 Datasheet HTML 4Page - STMicroelectronics AN2686 Datasheet HTML 5Page - STMicroelectronics AN2686 Datasheet HTML 6Page - STMicroelectronics AN2686 Datasheet HTML 7Page - STMicroelectronics AN2686 Datasheet HTML 8Page - STMicroelectronics AN2686 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AN2686
Location of flicker in LCDs
5/11
2
Location of flicker in LCDs
Due to the inversion as described in Section 1: The general principle of the LCD screen, the
voltage on VCOM is fixed and the voltage on the display electrode changes according to the
different gray scales. There are 256 gray scales (8 bits of color) in Figure 3. If we consider,
for example, the gray scale V0, in order to keep the V0 gray scale continuously displayed on
the panel, the voltage on the display electrode must be very high during one interval and
very low during another. In different frames, still using V0 as an example, the absolute
differential voltage of the display electrode and the VCOM is fixed. So the displayed gray
scale has not changed although the voltages on the two ends of Clc alternate. This is the
ideal case and is shown in Figure 3.
Figure 3.
VCOM at ideal position



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com