Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2687 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2687
Description  STM8S20xxx LCD software driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2687 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2687 Datasheet HTML 5Page - STMicroelectronics AN2687 Datasheet HTML 6Page - STMicroelectronics AN2687 Datasheet HTML 7Page - STMicroelectronics AN2687 Datasheet HTML 8Page - STMicroelectronics AN2687 Datasheet HTML 9Page - STMicroelectronics AN2687 Datasheet HTML 10Page - STMicroelectronics AN2687 Datasheet HTML 11Page - STMicroelectronics AN2687 Datasheet HTML 12Page - STMicroelectronics AN2687 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
AN2687
LCD drive signals
Doc ID 14296 Rev 1
9/22
2.1.2
Contrast calculation
The performance of an LCD driving system is defined by the contrast.
Contrast (D) = Vrms(On) / Vrms(Off)
For the quadruplex signal as described on the previous page:
Vrms(On) =
=
Vrms(On) =
Vrms
(Off) =
Contrast (D) = Vrms(On) / Vrms(Off) = 0.661VDD / 0.433VDD = 1.53
For comparison, a hardware LCD drive uses 1/3 bias voltage. With 1/3 bias control, the
contrast value (D) is 1.73. Therefore, 1/3 bias gives only a small contrast advantage. This
advantage is reduced to zero when using software contrast control.
1
T
---
ft
2dt
0
T




1
T
---
V
DD
2dt
V
DD

2
dt
V
DD
2
----------


2
dt
2T
8
-------
T
+
T
8
---
2T
8
-------
+
0
T
8
---






1
T
---
V
DD

2
T
8
---
V
DD

2
T
8
---
V
DD

2
4
------------------
6T

8
------------
+
+



0.661V
DD
=
1
T
---
0
dt
0
dt
V
DD
2
----------


2
dt
2T
8
-------
T
+
T
8
---
2T
8
-------
+
0
T
8
---






0.433V
DD
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com