Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2710 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2710
Description  Safe GPIO port configuration in STR7xx devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2710 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2710 Datasheet HTML 5Page - STMicroelectronics AN2710 Datasheet HTML 6Page - STMicroelectronics AN2710 Datasheet HTML 7Page - STMicroelectronics AN2710 Datasheet HTML 8Page - STMicroelectronics AN2710 Datasheet HTML 9Page - STMicroelectronics AN2710 Datasheet HTML 10Page - STMicroelectronics AN2710 Datasheet HTML 11Page - STMicroelectronics AN2710 Datasheet HTML 12Page - STMicroelectronics AN2710 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
AN2710
STR71x & STR73x I/O ports
9/30
1.2.3
Input pull-up/pull-down configuration
When the I/O port is programmed as input pull-up/pull-down:
●
The output buffer is turned on in weak push-pull configuration and the firmware can
write the appropriate level into the output latch to activate the weak pull-up or pull-down
as required.
●
The data in the output latch drive the I/O pin (a logic zero activates a weak pull-down, a
logic one activates a weak pull-up).
●
A read access to the I/O Data register gets the input latch value.
Figure 3 shows the Input pull-up/pull-down configuration of the I/O port.
Figure 3.
Input pull-up/pull-down configuration
1.2.4
Output configuration
When the I/O port is programmed as output:
●
The output buffer is turned on in open drain or push-pull configuration
●
The data in the output latch drive the I/O pin
●
A read access to the I/O Data register gets the output latch value.
Figure 4 shows the output configuration of the I/O port bit.
I/O pin
Weak push-pull
Analog input
When AIEN = 1
PU
PD
Alternate function (IN)
Alternate function (OUT)
ai14917



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com