Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2776 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2776
Description  The purpose of this application note is to explain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2776 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2776 Datasheet HTML 1Page - STMicroelectronics AN2776 Datasheet HTML 2Page - STMicroelectronics AN2776 Datasheet HTML 3Page - STMicroelectronics AN2776 Datasheet HTML 4Page - STMicroelectronics AN2776 Datasheet HTML 5Page - STMicroelectronics AN2776 Datasheet HTML 6Page - STMicroelectronics AN2776 Datasheet HTML 7Page - STMicroelectronics AN2776 Datasheet HTML 8Page - STMicroelectronics AN2776 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AN2776
Why migrate from FWLib V1.0 to V2.0?
5/20
4.
Update of existing drivers to support the added peripheral instantiation and
miscellaneous additional changes. On this occasion, the APIs (application
programming interfaces) of some drivers were changed, leading to loss of compatibility
with FWLib V1.0. This applies to the drivers of the following peripherals: TIM, SPI,
DMA, USART and NVIC.
Note:
1
Loss of compatibility means that an application code based on one of the above listed
FWLib V1.0 peripheral drivers needs updating to work correctly with FWLib V2.0.
2
FWLib V2.0 comes with eighty-seven (87) examples that cover a wide range of the
peripheral functionalities.
If FWLib V1.0 is used in an application based on Medium-density STM32F10xxx devices
and migration to High-density STM32F10xxx devices is contemplated, two cases should be
considered:
●
The purpose of the migration is to use High-density devices only to benefit from the
larger sizes of embedded memories. In this case, you can still use FWLib V1.0. You
only need to update the development toolchain-specific files (linker, Flash loader, etc.)
●
The purpose of the migration is to use the additional peripherals introduced in High-
density devices. In this case, you have to migrate to FWLib V2.0. The development
toolchain-specific files also need updating (linker, Flash loader, etc.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com