Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD49335F Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HD49335F
Description  CDS/PGA & 10-bit A/D TG Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49335F Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HD49335F_15 Datasheet HTML 17Page - Renesas Technology Corp HD49335F_15 Datasheet HTML 18Page - Renesas Technology Corp HD49335F_15 Datasheet HTML 19Page - Renesas Technology Corp HD49335F_15 Datasheet HTML 20Page - Renesas Technology Corp HD49335F_15 Datasheet HTML 21Page - Renesas Technology Corp HD49335F_15 Datasheet HTML 22Page - Renesas Technology Corp HD49335F_15 Datasheet HTML 23Page - Renesas Technology Corp HD49335F_15 Datasheet HTML 24Page - Renesas Technology Corp HD49335F_15 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
HD49335F/HF
Rev.1.0, Feb.25.2004, page 19 of 29
• Output mode (D2 to D4 of address H’F1 and address H’F4 of D6)
It is a test mode. Combination details are table 3 to 5. Normally set to all 0.
• SHA-fsel (D8 to D9 of address H’F1)
It is a LPF switching of SH amplifier. Frequency characteristics are referred to page 8. To get rough idea, set the
double cut off frequency point with using.
• SHSW-fsel (D10 to D13 of address H’F1)
It is a time constant which sampling the black level of SH amplifier. Frequency characteristics are referred to page
8. To get rough idea, set the double cut off frequency point with using. S/N changes by this data, so find the
appropriate point with set data to up/down.
• Test_I2 (D14 to D15 of address H’F1)
Current of ADC analog part can be set minutely. Normally use data = 0.
0: Default (100%)
1: 150%
2: 50%
3: 80%
Address
STD1[7:0] (L)
HGain-Nsel
STD2[15:8] (H)
1
1
1
1
0
0
1
0
D4
D3
D2
D1
D0 D15 D14 D13 D12 D11 D10 D9
D8
Clamp level
HGstop-Hsel
• Clamp (D0 to D4 of address H’F2)
Determine the OB part level with digital code of ADC output.
Clamp level = setting data
× 2 + 14
Default data is 9 = 32 LSB.
• HGstop-Hsel, HGain-Nsel (D8 to D11 of address H’F2)
Determine the lead-in speed of OB clamp. Details are referred to page 7. PGA gain need to be changed for switch
the high speed leading mode. Transfer the gain +1/–1 to previous field, its switch to high speed leading mode.
• Low_PWR (D12 of address H’F2)
Switch circuit current and frequency characteristic.
Data = 0: 36 MHz guarantee
Data = 1: 25 MHz guarantee
• ADSEL (D14 of address H’F2)
Data = 0: Select CDS_in
Data = 1: Select ADC_in
• Reset (D15 of address H’F2)
Software reset.
Data = 1: Normal
Data = 0: Reset
Offset calibration should be done when starting up with using this bit. Details are referred to page 23.
Address
STD1[7:0] (L)
STD2[15:8] (H)
11110011
D4
D3
D2
D7
D6
D5
D1
D0 D15 D14 D13 D12 D11 D10 D9
D8
• Address H'F3 are all testing data.
Normally set to all 0., or do not transfer the data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com