Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMBR0540T1G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LMBR0540T1G
Description  Schottky Power Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBR0540T1G Datasheet(HTML) 3 Page - Leshan Radio Company

  LMBR0540T1G Datasheet HTML 1Page - Leshan Radio Company LMBR0540T1G Datasheet HTML 2Page - Leshan Radio Company LMBR0540T1G Datasheet HTML 3Page - Leshan Radio Company LMBR0540T1G Datasheet HTML 4Page - Leshan Radio Company LMBR0540T1G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
0.2
10
1.0
0.1
0.6
1.2
0.4
0.8
1.0
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
Figure 3. Typical Reverse Current
Figure 4. Maximum Reverse Current
0.2
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
10
1.0
VF, MAXIMUM INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
40
0
VR, REVERSE VOLTAGE (VOLTS)
100E−3
1.0E−3
100E−6
10E−6
1.0E−6
100E−9
VR, REVERSE VOLTAGE (VOLTS)
0.1
0.6
1.2
0.4
0.8
10
20
30
40
0
10
20
30
TJ = 125°C
TJ = 100°C
TJ = −40°C
TJ = 25°C
TJ = 125°C
TJ = 100°C
TJ = 25°C
TJ = 125°C
TJ = 100°C
TJ = 25°C
TJ = 100°C
TJ = 25°C
100
1.0
10E−3
100E−3
1.0E−3
100E−6
10E−6
1.0E−6
100E−9
10E−3
25°C
LMBR0540T1G
Rev.O 3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com