Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD70208H Datasheet(PDF) 21 Page - NEC

Part # UPD70208H
Description  V40HLTM, V50HLTM 16/8, 16-BIT MICROPROCESSOR
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70208H Datasheet(HTML) 21 Page - NEC

Back Button UPD70208H Datasheet HTML 17Page - NEC UPD70208H Datasheet HTML 18Page - NEC UPD70208H Datasheet HTML 19Page - NEC UPD70208H Datasheet HTML 20Page - NEC UPD70208H Datasheet HTML 21Page - NEC UPD70208H Datasheet HTML 22Page - NEC UPD70208H Datasheet HTML 23Page - NEC UPD70208H Datasheet HTML 24Page - NEC UPD70208H Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 110 page
background image
21
µPD70208H, 70216H
Data Sheet U13225EJ4V0DS00
2.2
I/O SPACE
In the V40HL and V50HL, I/Os up to 64K bytes (32K words) can be accessed in an area independent of the memory.
The various on-chip peripheral LSIs are set by accessing the system I/O area.
Extended functions added to those of the V40 and V50 are mapped onto unused V40 and V50 registers and the reserved
area.
The I/O map is shown in Figure 2-3.
Figure 2-3. I/O Map
DMAU
FFFFH
FFE0H
FFDFH
FF00H
FEFFH
0000H
256 Bytes
ICU
TCU
SCU
Reserved Area
System I/O Area
Area used for setting of I/O boundary,
WCU, REFU, baud rate generator, etc.,
and DMAU, ICU, TCU and SCU allocation.
The DMAU, ICU, TCU and SCU
are allocated within any 256 bytes.
Internal I/O Area
External I/O Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com