Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OD1238AP-48HTB Datasheet(PDF) 1 Page - ORION FANS

Part # OD1238AP-48HTB
Description  DC Fan - Metal Frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD1238AP-48HTB Datasheet(HTML) 1 Page - ORION FANS

  OD1238AP-48HTB Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
O
ODD11223388AAPP SSeerriieess
DC Fan - Metal Frame
120x38mm (4.7”x 1.5”)
Frame
DiecastAluminum (Black) Available Options:
Tachometer
Alarm
PWM
Lead Wires
Metal Impeller
ULNo.: E170149
Impeller
PBT, UL94V-O plastic
Connection
Terminals
Motor
Brushless DC, auto restart,
polarity protected
Bearing System
Dual ball bearing
Insulation Resistance 10M ohm between leadwire
and frame (500VDC)
Dielectric Strength
1 second at 500 VAC, max
leakage - 500 MicroAmp
Temperature Range
-15C ~ +65C
Life (L10)
65,000 hours (45C)
Model Number Speed (RPM) Airflow
(CFM) Noise (dB) Volts DC Input Power
(Watts)
Amps
Max. Static
Pressure
(“H2O)
OD1238AP-12HTB
3400
135
46
12
10.6
0.88
0.45
OD1238AP-12MTB
2800
108
41
12
6.0
0.50
0.37
OD1238AP-12LTB
1950
70
25
12
2.4
0.20
0.25
OD1238AP-24HTB
3600
140
48
24
10.3
0.43
0.48
OD1238AP-24MTB
3000
118
43
24
5.5
0.23
0.40
OD1238AP-24LTB
1950
70
25
24
3.6
0.15
0.25
OD1238AP-48HTB
3600
140
48
48
10.6
0.22
0.48
OD1238AP-48MTB
3000
118
43
48
5.0
0.10
0.28
OD1238AP-48LTB
1950
70
25
48
3.4
0.07
0.25
RoHS Compliant
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
m0
061210


Similar Part No. - OD1238AP-48HTB

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD1238AP ORIONFANS-OD1238AP Datasheet
5Mb / 8P
AC & EC FANS
More results

Similar Description - OD1238AP-48HTB

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BG16032A BOLYMIN-BG16032A Datasheet
111Kb / 1P
COB with metal frame
logo
CUI INC
CDM-10008 CUI-CDM-10008 Datasheet
1Mb / 4P
metal frame
CDM-12008 CUI-CDM-12008 Datasheet
1Mb / 4P
metal frame
CDM-13008 CUI-CDM-13008 Datasheet
886Kb / 4P
metal frame
CDM-16008 CUI-CDM-16008 Datasheet
1Mb / 4P
metal frame
CDM-20008 CUI-CDM-20008 Datasheet
1Mb / 4P
metal frame
logo
Bolymin, Inc
BC1004A BOLYMIN-BC1004A_17 Datasheet
474Kb / 1P
COB with metal Frame
BC1602E BOLYMIN-BC1602E_17 Datasheet
515Kb / 1P
COB with metal Frame
logo
NTE Electronics
77-MG40 NTE-77-MG40 Datasheet
176Kb / 1P
Fan Guard, Metal
77-MG120 NTE-77-MG120 Datasheet
276Kb / 1P
Fan Guard, Metal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com