Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD703003A Datasheet(PDF) 19 Page - NEC

Part # UPD703003A
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703003A Datasheet(HTML) 19 Page - NEC

Back Button UPD703003A Datasheet HTML 15Page - NEC UPD703003A Datasheet HTML 16Page - NEC UPD703003A Datasheet HTML 17Page - NEC UPD703003A Datasheet HTML 18Page - NEC UPD703003A Datasheet HTML 19Page - NEC UPD703003A Datasheet HTML 20Page - NEC UPD703003A Datasheet HTML 21Page - NEC UPD703003A Datasheet HTML 22Page - NEC UPD703003A Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
19
µPD703003A, 703004A, 703025A
Data Sheet U13188EJ4V0DS00
Data Retention Characteristics (TA = –40 to +85
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Data retention voltage
VDDDR
STOP mode
1.5
5.5
V
Data retention current
IDDDR
VDD = VDDDR
–40
°C ≤ TA ≤ +50°C
0.2VDDDR
50
µA
50
°C < TA ≤ 85°C
0.2VDDDR
200
µA
Power supply voltage rise time
tRVD
200
µs
Power supply voltage fall time
tFVD
200
µs
Power supply voltage hold time
tHVD
0ms
(vs. STOP mode setting)
STOP mode release signal input time tDREL
Note
0ns
Data retention high-level input voltage
VIHDR
Note
0.9VDDDR
VDDDR
V
Data retention low-level input voltage
VILDR
0
0.1VDDDR
V
Note P02/TCLR11, P03/TI11, P04/INTP110 to P07/INTP113, P12/TCLR12, P13/TI12, P14/INTP120, P15/
INTP121/SO2, P16/INTP122/SI2, P17/INTP123/SCK2, P23/RXD0/SI0, P24/SCK0, P26/RXD1/SI1, P27/
SCK1, P32/TCLR32, P33/TI13, P34/INTP130, P35/INTP131/SO3, P36/INTP132/SI3, P37/INTP133/SCK3,
P112/TCLR14, P113/TI14, P114/INTP140 to P117/INTP143, RESET, NMI, MODE, X1
Remark
TYP. values are reference values for when TA = 25
°C and VDD = 5.0 V.
tHVD
VDD
VDD
tFVD
tRVD
tDREL
VDD
VDDDR
RESET (input)
VIHDR
NMI (input)
(Released at falling edge)
VIHDR
VILDR
NMI (input)
(Released at rising edge)
STOP mode setting (fifth clock after PSC register is set)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com