Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2972 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2972
Description  Designing an antenna for the M24LRxx-R
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2972 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2972 Datasheet HTML 5Page - STMicroelectronics AN2972 Datasheet HTML 6Page - STMicroelectronics AN2972 Datasheet HTML 7Page - STMicroelectronics AN2972 Datasheet HTML 8Page - STMicroelectronics AN2972 Datasheet HTML 9Page - STMicroelectronics AN2972 Datasheet HTML 10Page - STMicroelectronics AN2972 Datasheet HTML 11Page - STMicroelectronics AN2972 Datasheet HTML 12Page - STMicroelectronics AN2972 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AN2972
Basic principles and equations
Doc ID 15629 Rev 6
9/25
The antenna is a wire, so its equivalent electrical circuit is a wire with a resistance
symbolized by Rant. The antenna also has an inductance denoted by Lant. The capacitance
Cant is the representation of parasitic elements (produced by the bridge).
Figure 7.
Equivalent circuit of the M24LRxx and its antenna
In first-order equations, Rchip, Cant and Rant are negligible. This is why the basic equations
that follow will only take Lant and Ctun into consideration.
1.3
Basic equations
Resonant frequency
The resonant frequency of the LC circuit is defined by the equation:
LC
ω² = 1
where:
●
L is the inductance in Henry
●
C is the capacitance in Farad
●
ω is the angular frequency in radians per second (ω = 2 × π × f, with f = frequency in Hz)
1.4
Optimum antenna tuning
The total impedance of an LC loop is given by the sum of the inductive and capacitive
impedances:
Z = ZL + ZC
By writing the inductive impedance as ZL = jωL and the capacitive impedance as ZC = 1/jωC,
and then substituting in the previous equation, you have:
Z = j
ωL + 1/jωC
Now, extracting a common denominator yields:
Z = (1 – LC
ω²) /jωC
Note:
The total impedance Z is zero at the resonant frequency of the LC circuit (the numerator is
zero when LC
ω² = 1). The resonant frequency corresponds to the maximum current
received by the [L,C] loop; in this case, the M24LRxx (capacitor C) and the antenna
(inductor L).
Consequently, the dual interface device’s antenna must be tuned so that its resonating
frequency matches the RFID reader antenna’s tuning frequency as much as possible. At this
ai17178b
Rchip
Ctun
A
B
Rant
Cant
Lant
M24LRxx
External antenna



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com