Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3029 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3029
Description  Getting started with STM8L and STM8AL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3029 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3029 Datasheet HTML 3Page - STMicroelectronics AN3029 Datasheet HTML 4Page - STMicroelectronics AN3029 Datasheet HTML 5Page - STMicroelectronics AN3029 Datasheet HTML 6Page - STMicroelectronics AN3029 Datasheet HTML 7Page - STMicroelectronics AN3029 Datasheet HTML 8Page - STMicroelectronics AN3029 Datasheet HTML 9Page - STMicroelectronics AN3029 Datasheet HTML 10Page - STMicroelectronics AN3029 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
DocID16139 Rev 5
7/42
AN3029
Power supply
41
Figure 1. Power supply
1. Optional: if a separate, external reference voltage is connected on VREF+, the two capacitors (100 nF and 1
µF) must be connected. VREF+ is either connected to VDDA or VREF.
2. N is the number of VDD and VSS inputs.
Note:
The capacitors must be connected as close as possible to the device supplies.
Placing a crystal/resonator on OSCIN/OSCOUT is optional. The resonator must be
connected as close as possible to the OSCIN and OSCOUT pins. The loading capacitance
ground must be connected as close as possible to VSS.
2.2
Main operating voltages
STM8L and STM8AL devices are processed in 0.13 µm technology. The STM8L and
STM8AL core and I/O peripherals need different power supplies. In fact, STM8L and
STM8AL devices have an internal regulator with a nominal target output of 1.8 V.
MS30982V1
VLCD
STM8L/STM8AL
N × 100 nF
VDD
+ 1 × 10 μF
100 nF + 1 μF
100 nF + 1 μF
(note 1)
VLCD
VREF+
VDDA
VSSA
VDD 1/2/... /N
VSS 1/2/... /N
VREF
VDD
1 μF
(optional)
(note 2)
(note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com