Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3070 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3070
Description  Managing the Driver Enable signal for RS-485 and IO-Link
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3070 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3070 Datasheet HTML 1Page - STMicroelectronics AN3070 Datasheet HTML 2Page - STMicroelectronics AN3070 Datasheet HTML 3Page - STMicroelectronics AN3070 Datasheet HTML 4Page - STMicroelectronics AN3070 Datasheet HTML 5Page - STMicroelectronics AN3070 Datasheet HTML 6Page - STMicroelectronics AN3070 Datasheet HTML 7Page - STMicroelectronics AN3070 Datasheet HTML 8Page - STMicroelectronics AN3070 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AN3070
DE signal timing constraint
Doc ID 16312 Rev 1
5/12
1
DE signal timing constraint
For serial half-duplex communication protocols like RS-485 & IO-Link, the master needs to
generate a direction signal to control the transceiver (PHY). This signal informs the PHY if it
must act in send or receive mode.
The timing of this control is critical, especially when switching from the send to the receive
mode, as the application has to make sure that the device is in reception mode before data
are sent by the other entity.
The master has to free the Tx/Rx line in no more than a bit time, otherwise there is a
collision with the slave response. So the DE signal has to switch from high to low level within
the bit time that follows the last bit of the last byte sent by the master.
Figure 1.
DE timing constraint
The master should be able to guarantee the timing of the DE signal (imposed by the RS-485
& IO-Link specifications). The DE signal is managed by a GPIO.
Note that in this application note, the DE signal is emulated by GPIO port C pin 6 (PC6),
however any GPIO could be used.
Master request
Slave response
tBIT
t
C/Q line
DE (Driver Enable)
ai17356



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com