Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3117 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3117
Description  This application note describes how to use the direct memory access
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3117 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3117 Datasheet HTML 5Page - STMicroelectronics AN3117 Datasheet HTML 6Page - STMicroelectronics AN3117 Datasheet HTML 7Page - STMicroelectronics AN3117 Datasheet HTML 8Page - STMicroelectronics AN3117 Datasheet HTML 9Page - STMicroelectronics AN3117 Datasheet HTML 10Page - STMicroelectronics AN3117 Datasheet HTML 11Page - STMicroelectronics AN3117 Datasheet HTML 12Page - STMicroelectronics AN3117 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AN3117
DMA controller description
Doc ID 16846 Rev 4
9/28
Figure 1.
Bus system and peripherals supporting DMA
1.
Peripherals available on medium+ and high density devices only. AES available on STM8L162xx only.
2.
Not available on STM8L05xxx devices.
The DMA is able to transfer data from the memory to a peripheral.
●
For regular DMA channels (0, 1 and 2), data transfer can be from (or to) a part of the
RAM memory (see note1).
●
For memory DMA channel (channel 3), 2 cases are available:
a)
When a peripheral-to-memory or memory-to-peripheral transfer is performed, the
memory areas can be all addressable areas (see note 2).
b)
When a memory-to-memory transfer is performed, the source memory areas are
all addressable areas (see note 2), while the destination memory areas are the
first 8 Kbytes (see note 3).
Note:
1
For medium and medium+ density devices, 2-Kbyte RAM memory is accessible (between
0x0000 and 0x07FF).
For high density devices, 4-Kbyte RAM memory is accessible (between 0x0000 and
0x0FFF).
2
Source memory addressable areas are comprised between 0x0000 and 0xFFFF for
medium density devices and between 0x0000 and 0x17FFF for high density devices.
3
Destination memory addressable areas are comprised between 0x0000 and 0x1FFF, which
corresponds to the RAM and the Data EEPROM.
MS30984V1
STM8 core
RAM memory
Program and
Flash memory
DMA1
Ch.1
DMA1 rq1
DMA1 rq2
DMA1 rq3
DMA1 rq4
Peripheral bus
RAM bus
Program bus
DMA1 bus
Peripherals supporting DMA
ADC1
DAC
SPI1
I2C1 USART1
TIM1
TIM2
TIM3
TIM4
Ch.2
Ch.3
Ch.4
Arbiter
TIM5
1)
SPI2
1)
USART2
USART3
AES
1)
1)
1)
2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com