Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3123 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3123
Description  Using the UART interfaces in the SPEAr embedded MPU family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3123 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3123 Datasheet HTML 1Page - STMicroelectronics AN3123 Datasheet HTML 2Page - STMicroelectronics AN3123 Datasheet HTML 3Page - STMicroelectronics AN3123 Datasheet HTML 4Page - STMicroelectronics AN3123 Datasheet HTML 5Page - STMicroelectronics AN3123 Datasheet HTML 6Page - STMicroelectronics AN3123 Datasheet HTML 7Page - STMicroelectronics AN3123 Datasheet HTML 8Page - STMicroelectronics AN3123 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
AN3123
UART signals
Doc ID 16862 Rev 2
5/30
2
UART signals
SPEAr600 has 2 UARTs. SPEAr300, SPEAr310 and SPEAr320 have 1, 6 and 3 UARTs
respectively. The following tables list the UART pin connections and register base addresses
for each case.
2.1
SPEAr600
2.2
SPEAr300
Table 1.
External pin connection on SPEAr600
Signal name
Ball
Direction
Function
Pin type
UART1_TXD
AA19
Output
Serial Data Out
TTL output buffer
3.3 V capable, 4 mA
UART2_TXD
AA20
Output
UART1_RXD
AB19
Input
Serial Data In
TTL input buffer
3.3 V tolerant, PD
UART2_RXD
AB20
Input
Table 2.
Memory map on SPEAr600
Peripheral
Start address
End address
UART1
0xD000.0000
0xD007.FFFF
UART2
0xD008.0000
0xD00F.FFFF
Table 3.
External pin connection
Signal
Ball
Direction
Function
Pin type
RX DATA
D1
Input
Shared I/O
TTL output buffer
3.3 V capable,
up to 10 mA
TTL input buffer
3.3 V tolerant, PU/PD
TX DATA
E4
Output
RTS
B8
I/O
CTS
A8
DTR
D9
DSR
B9
DCD
A9
RI
C9
Table 4.
Memory map on SPEAr300
Peripheral
Start address
End address
UART
0xD000.0000
0xD007.FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com