Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3126 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3126
Description  Audio and waveform generation using the DAC in STM32 microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3126 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3126 Datasheet HTML 3Page - STMicroelectronics AN3126 Datasheet HTML 4Page - STMicroelectronics AN3126 Datasheet HTML 5Page - STMicroelectronics AN3126 Datasheet HTML 6Page - STMicroelectronics AN3126 Datasheet HTML 7Page - STMicroelectronics AN3126 Datasheet HTML 8Page - STMicroelectronics AN3126 Datasheet HTML 9Page - STMicroelectronics AN3126 Datasheet HTML 10Page - STMicroelectronics AN3126 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Doc ID16895 Rev 2
7/24
AN3126
DAC main features
23
1.2
Data format
The DAC accepts data in 3 integer formats: 8-bit, 12-bit right aligned and 12-bit left aligned.
A 12-bit value can range from 0x000 to 0xFFF, with 0x000 being the lowest and 0xFFF
being the highest value.
Figure 1. DAC data format
1.3
Dual channel mode
Note:
This feature is supported only for products that embed at least 2 DACs.
The DAC has two output channels, each with its own converter. In dual DAC channel mode,
conversions could be done independently or simultaneously.
When the DAC channels are triggered by the same source, both channels are grouped
together for synchronous update operations and conversions are done simultaneously.
1.4
Dedicated timers
In addition to the software and External triggers, the DAC conversion can be triggered by
different timers.
TIM6 and TIM7 are basic timers and are basically designed for DAC triggering.
Each time a DAC interface detects a rising edge on the selected Timer Trigger Output
(TIMx_TRGO), the last data stored in the DAC_DHRx register is transferred to the
DAC_DORx register (an example for STM32F100x is given in Figure 2).
ai18300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com