Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3156 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3156
Description  USB DFU protocol used in the STM32 bootloader
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3156 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3156 Datasheet HTML 1Page - STMicroelectronics AN3156 Datasheet HTML 2Page - STMicroelectronics AN3156 Datasheet HTML 3Page - STMicroelectronics AN3156 Datasheet HTML 4Page - STMicroelectronics AN3156 Datasheet HTML 5Page - STMicroelectronics AN3156 Datasheet HTML 6Page - STMicroelectronics AN3156 Datasheet HTML 7Page - STMicroelectronics AN3156 Datasheet HTML 8Page - STMicroelectronics AN3156 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
DocID017068 Rev 4
5/26
AN3156
Bootloader code sequence
25
1
Bootloader code sequence
There is no difference in terms of protocol (requests and commands) between different
Bootloader DFU versions. For detailed difference list please refer to Section 6.
Once the system memory boot mode is entered and the STM32 device has been configured
(for more details refer to AN2606), the bootloader code configures the USB and its
interrupts, and waits for the "enumeration done" interrupt.
The USB enumeration is performed as soon as the USB cable is plugged (or immediately if
the cable is already plugged). If you do not want the STM32 to enter the USB DFU
bootloader application, the USB cable has to be unplugged before reset.
The bootloader version is returned in the device descriptor in the MSB of the bcd Device
field (example: 0x2000 = Version 2.0).
For Connectivity line USB DFU bootloader, the device first tries the 25 MHz configuration,
then, if it fails, the 14.7456 MHz configuration, and finally, if it fails, the 8 MHz configuration.
If it still fails, this operation is repeated with a large timeout value (the three configurations
are tested again). If the second trial also fails, a system reset is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com