Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3202 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN3202
Description  How to configure the SPEAr600 general purpose timers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3202 Datasheet(HTML) 3 Page - STMicroelectronics

  AN3202 Datasheet HTML 1Page - STMicroelectronics AN3202 Datasheet HTML 2Page - STMicroelectronics AN3202 Datasheet HTML 3Page - STMicroelectronics AN3202 Datasheet HTML 4Page - STMicroelectronics AN3202 Datasheet HTML 5Page - STMicroelectronics AN3202 Datasheet HTML 6Page - STMicroelectronics AN3202 Datasheet HTML 7Page - STMicroelectronics AN3202 Datasheet HTML 8Page - STMicroelectronics AN3202 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AN3202
General purpose timers (GPTs) in SPEAr600
Doc ID 17399 Rev 1
3/11
1
General purpose timers (GPTs) in SPEAr600
In the SPEAr600 architecture, there are five different GPT blocks located in the various
subsystems. Each timer block consists of two independent channels, each one with a 16-bit
counter register.
Table 1.
GPTs in SPEAr600
Each timer has a READ_Clk, input which is the APB clock (PCLK), and a CNT_Clk, which
can be selected by the user from a list of clock sources.
●
READ_Clk (PCLK): When SPEAr600 is in normal mode, it takes the input from PLL1
divided by a programmable prescaler, whose reset values impose the ratio 1:2:4 to the
core_clk, HCLK and PCLK clocks. When SPEAr600 is in slow mode, it takes directly
the input from the OSCI signal.
●
CNT_Clk: The clock source can be selected as either a fixed 48 MHz or the PLL1 itself
divided by a programmable prescaler, which is defined in the PRSC1_CLK_CFG
register (0xFCA8_0044) for GPT1/GPT2/GPT3, PRSC2_CLK_CFG register
(0xFCA8_0048) for GPT4 and PRSC3_CLK_CFG register (0xFCA8_004C) for GPT5.
The CNT_Clk may then be further divided by a GPT internal 4-bit prescaler able to
divide up to 256 times (‘/256’).
Figure 1.
GPT clock sources
The following table describes the clock selectors (Clock_Sel) for each GPT.
Subsystem
Base address
GPT1
ARM1
0xF000_0000
GPT2
ARM2
0xF000_0000
GPT3
Basic
0xFC80_0000
GPT4
Application 1
0xD800_0000
GPT5
Application 2
0xD808_0000
GPT Ch1
GPT Ch2
Read_CLK
(PCLK)
CNT_Clk
PLL3 (48MHz)
PRSCx_CLK_CFG
PLL1 (332MHz)/
OSCI (24MHz)
HCLK/PCLK
prescaler
MUX
PLL1 (332MHz)
Clock_Sel
int_prsc



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com