Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3206 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN3206
Description  PCB design guidelines for the STM32W108 platform
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3206 Datasheet(HTML) 2 Page - STMicroelectronics

  AN3206 Datasheet HTML 1Page - STMicroelectronics AN3206 Datasheet HTML 2Page - STMicroelectronics AN3206 Datasheet HTML 3Page - STMicroelectronics AN3206 Datasheet HTML 4Page - STMicroelectronics AN3206 Datasheet HTML 5Page - STMicroelectronics AN3206 Datasheet HTML 6Page - STMicroelectronics AN3206 Datasheet HTML 7Page - STMicroelectronics AN3206 Datasheet HTML 8Page - STMicroelectronics AN3206 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Contents
AN3206
2/14
Doc ID 17406 Rev 3
Contents
1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2
Reference design . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2.1
RF design guidelines . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1.1
STM32W108 RF ports . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1.2
Optimizing for TX (Boost mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1.3
Matching network circuit design . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2.1.4
Harmonic filter design . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
2.1.5
Band-pass filter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
2.1.6
Antenna matching circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
2.2
RF layout guidelines . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
2.2.1
PCB tolerance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
2.3
Other design considerations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
3
Non-RF design considerations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
3.1
High-frequency (24-MHz) crystal reference (X1, C5, and C6) . . . . . . . . . 10
3.2
Optional Low-frequency crystal reference (X2, C27 and C26) . . . . . . . . . 11
3.3
1.8V regulator load capacitor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
3.4
1.2V regulator loading . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
3.5
1.8V net decoupling . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
3.6
1.8V analog to 1.8V digital filtering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
3.7
RF test connector . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
4
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com