Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSI1012XT1G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LSI1012XT1G
Description  N-Channel 1.8-V (G-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LSI1012XT1G Datasheet(HTML) 3 Page - Leshan Radio Company

  LSI1012XT1G Datasheet HTML 1Page - Leshan Radio Company LSI1012XT1G Datasheet HTML 2Page - Leshan Radio Company LSI1012XT1G Datasheet HTML 3Page - Leshan Radio Company LSI1012XT1G Datasheet HTML 4Page - Leshan Radio Company LSI1012XT1G Datasheet HTML 5Page - Leshan Radio Company LSI1012XT1G Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS NOTED)
0
200
400
600
800
1000
1200
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 5 thru 1.8 V
TC = −55_C
125_C
25_C
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
1 V
0
20
40
60
80
100
0
4
8
12
16
20
0.0
0.8
1.6
2.4
3.2
4.0
0
200
400
600
800
1000
VDS − Drain-to-Source Voltage (V)
Crss
Coss
Ciss
ID − Drain Current (mA)
VGS = 1.8 V
On-Resistance vs. Drain Current
Capacitance
VGS = 4.5 V
VGS = 2.5 V
0.60
0.80
1.00
1.20
1.40
1.60
−50
−25
0
25
50
75
100
125
0
1
2
3
4
5
0.0
0.2
0.4
0.6
0.8
VDS = 10 V
ID = 250 mA
VGS = 4.5 V
ID = 600 mA
Gate Charge
Qg − Total Gate Charge (nC)
On-Resistance vs. Junction Temperature
TJ − Junction Temperature (_C)
VGS = 1.8 V
ID = 350 mA
Rev .O 3/6
LSI1012XT1G , S-LSI1012XT1G



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com