Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1249 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1249
Description  Power Factor Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1249 Datasheet(HTML) 3 Page - Linear Technology

  LT1249 Datasheet HTML 1Page - Linear Technology LT1249 Datasheet HTML 2Page - Linear Technology LT1249 Datasheet HTML 3Page - Linear Technology LT1249 Datasheet HTML 4Page - Linear Technology LT1249 Datasheet HTML 5Page - Linear Technology LT1249 Datasheet HTML 6Page - Linear Technology LT1249 Datasheet HTML 7Page - Linear Technology LT1249 Datasheet HTML 8Page - Linear Technology LT1249 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT1249
3
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Current amplifier is in linear mode with 0V input common mode.
Note 3: Multiplier Gain Constant: K =
Note 4: Maximum GTDR output voltage is internally clamped for higher
VCC voltages.
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
10
100
80
60
40
20
0
–20
100
1k
10k
100k
1249 G01
1M
10M
0
–20
–40
–60
–80
–100
–120
PHASE
GAIN
Voltage Amplifier Open-Loop
Gain and Phase
FREQUENCY (Hz)
1k
400
350
300
250
200
150
100
50
0
20
0
–20
–40
–60
–80
–100
–120
–140
100k
10k
1249 G02
1M
10M
gm
θ
Transconductance of
Current Amplifier
IM
IAC (VAOUT – 1.5)
2
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference
Reference Output Voltage
TA = 25°C, Measured at VSENSE Pin
7.39
7.5
7.6
V
Reference Output Voltage Worst Case
All Line, Temperature
q
7.32
7.5
7.68
V
Reference Output Voltage Line Regulation
VLOCKOUT < VCC < VMAX
q
–20
5
20
mV
Multiplier
Multiplier Output Current
IAC = 100µA, VAOUT = 5V
35
µA
Multiplier Output Current Offset
RAC = 1M from IAC to GND
q
– 0.05
– 0.5
µA
Multiplier Max Output Current (IM(MAX))IAC = 450µA, VAOUT = 7V (Note 2)
q
– 375
– 250
– 150
µA
Multiplier Max Output Voltage (IM(MAX) • RMOUT)IAC = 450µA, VAOUT = 7V (Note 2)
q
– 1.25
– 1.1
– 0.96
V
Multiplier Gain Constant (Note 3)
0.035
V–2
IAC Input Resistance
IAC from 50µA to 1mA
15
32
50
k
Ω
Oscillator
Oscillator Frequency
q
75
100
125
kHz
Control Pin (CAOUT) Threshold
Duty Cycle = 0
q
1.3
1.8
2.3
V
Synchronization Frequency Range
Synchronizing Pulse Low
≤ 0.35V on CAOUT
q
127
160
kHz
Gate Driver
Max GTDR Output Voltage
0mA Load, 18V < VCC < VMAX (Note 4)
q
12
15
17.5
V
GTDR Output High
– 200mA Load, 11.5V
≤ VCC ≤ 15V
q
VCC – 3.0
V
GTDR Output Low (Device Unpowered)
VCC = 0V, 50mA Load (Sinking)
q
0.9
1.5
V
GTDR Output Low (Device Active)
200mA Load (Sinking)
q
0.5
1
V
Peak GTDR Current
10nF from GTDR to GND
1.5
A
GTDR Rise and Fall Time
1nF from GTDR to GND
25
ns
GTDR Max Duty Cycle
90
96
%
ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the operating temperature
range, otherwise specifications are at TA = 25°C. Maximum operating voltage (VMAX) = 25V, VCC = 18V, IAC = 100µA, CAOUT = 3.5V,
VAOUT = 5V, no load on any outputs, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com