Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1772 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1772
Description  Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1772 Datasheet(HTML) 2 Page - Linear Technology

  LTC1772 Datasheet HTML 1Page - Linear Technology LTC1772 Datasheet HTML 2Page - Linear Technology LTC1772 Datasheet HTML 3Page - Linear Technology LTC1772 Datasheet HTML 4Page - Linear Technology LTC1772 Datasheet HTML 5Page - Linear Technology LTC1772 Datasheet HTML 6Page - Linear Technology LTC1772 Datasheet HTML 7Page - Linear Technology LTC1772 Datasheet HTML 8Page - Linear Technology LTC1772 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1772
1772fb
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input DC Supply Current
Typicals at VIN = 4.2V (Note 4)
Normal Operation
2.4V
≤ VIN ≤ 9.8V
270
420
µA
Sleep Mode
2.4V
≤ VIN ≤ 9.8V
230
370
µA
Shutdown
2.4V
≤ VIN ≤ 9.8V, VITH /RUN = 0V
8
22
µA
UVLO
VIN < UVLO Threshold
6
10
µA
Undervoltage Lockout Threshold
VIN Falling (LTC1772C)
●
1.60
2.00
2.30
V
VIN Falling (LTC1772E, LTC1772I, LTC1772H)
●
1.55
2.00
2.35
V
VIN Rising
1.85
2.10
2.40
V
Shutdown Threshold (at ITH /RUN)
(LTC1772C)
●
0.20
0.35
0.50
V
(LTC1772E, LTC1772I, LTC1772H)
●
0.15
0.35
0.55
V
Start-Up Current Source
VITH/RUN = 0V
0.25
0.5
0.85
µA
Regulated Feedback Voltage
(Note 5) (LTC1772C)
●
0.780
0.800
0.820
V
(Note 5) (LTC1772E, LTC1772I, LTC1772H)
●
0.770
0.800
0.830
V
Output Voltage Line Regulation
2.4V
≤ VIN ≤ 9.8V (Note 5)
0.05
mV/V
Output Voltage Load Regulation
ITH/RUN Sinking 5µA (Note 5)
2.5
mV/
µA
ITH/RUN Sourcing 5µA (Note 5)
2.5
mV/
µA
VFB Input Current
(Note 5)
10
50
nA
Overvoltage Protect Threshold
Measured at VFB
0.820
0.860
0.895
V
Overvoltage Protect Hysteresis
20
mV
Oscillator Frequency
VFB = 0.8V
500
550
650
kHz
VFB = 0V
120
kHz
Gate Drive Rise Time
CLOAD = 3000pF
40
ns
Gate Drive Fall Time
CLOAD = 3000pF
40
ns
Peak Current Sense Voltage
(Note 6)
120
mV
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
S6 PART MARKING
ORDER PART NUMBER
LTC1772CS6
LTC1772ES6
LTC1772IS6
LTC1772HS6
LTIL
LTIM
LTB7
LTBRY
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS The ● denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VIN = 4.2V unless otherwise specified. (Note 2)
(Note 1)
Input Supply Voltage (VIN).........................– 0.3V to 10V
SENSE–, PGATE Voltages ............. – 0.3V to (VIN + 0.3V)
VFB, ITH /RUN Voltages .............................–0.3V to 2.4V
PGATE Peak Output Current (<10
µs) ......................... 1A
Storage Ambient Temperature Range ... – 65
°C to 150°C
Operating Temperature Range
LTC1772CS6 ........................................... 0
°C to 70°C
LTC1772ES6 (Note 2) ........................ – 40
°C to 85°C
LTC1772IS6 (Note 2) ......................... – 40
°C to 85°C
LTC1772HS6 (Notes 2,3) ................. – 40
°C to 140°C
Junction Temperature (Note 3) ............................. 150
°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
θJA = 230°C/ W
1
2
3
ITH/RUN
GND
VFB
6
5
4
PGATE
VIN
SENSE–
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC SOT-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com